10SP-2E6-R
AI

The **10SP-2E6-R** is a specific part number belonging to a series of **Tactile Switches** (Pushbuttons), typically manufactured by companies like **Mountain Switch** or **Mouser/Alpha**. These are commonly used on Printed Circuit Boards (PCBs) for user input.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile / Momentary Pushbutton |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switching Function** | On-Mom (Momentary On) |
| **Contact Rating** | 0.4VA max @ 20V AC or DC |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Termination Style** | PC Pin |
| **Actuator Style** | Round / Plunger |
| **Environmental** | RoHS Compliant |
---
### Key Features and Component Breakdown
#### 1. SPDT Configuration
Unlike standard "on/off" switches, this part is **Single Pole Double Throw**. This means it has one common pin that can toggle between two separate output pins. In a momentary state, it defaults to one position and switches to the second only while the button is held down.
#### 2. Gold Contacts (Logic Level)
The "0.4VA" rating indicates that this switch is designed for **low-power logic levels**. It typically features gold-plated contacts to ensure high reliability when switching very small currents (dry circuits) where oxidation could otherwise cause failure.
#### 3. Mechanical Design
* **Momentary Action:** The switch returns to its original position as soon as physical pressure is removed.
* **Right Angle or Straight:** Depending on the specific suffix, these are often available in vertical or right-angle configurations for edge-mounting on a PCB.
* **Durability:** Usually rated for 30,000 to 100,000 electrical cycles.
---
### Common Applications
* **Consumer Electronics:** Reset buttons or mode selection.
* **Industrial Controls:** Low-power signal switching on control panels.
* **Medical Equipment:** Interface buttons for handheld diagnostic tools.
* **Telecommunications:** Configuration toggles on networking hardware.
- ⤷What is the physical footprint and pin spacing for the 10SP-2E6-R?
- ⤷ Can this switch be used for high-voltage applications like AC mains?
- ⤷ What is the difference between SPST and SPDT in tactile switches?