Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10TK-010-R

  • AI
    The part number **10TK-010-R** typically refers to a **Passive Delay Line** component, commonly manufactured by companies like **PCA Electronics** or similar specialized magnetics manufacturers. These are critical components used in high-speed digital circuits to synchronize signals. --- ### ## Technical Specifications Below are the general characteristics associated with this specific part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Part Type** | 10-Tap Passive Delay Line | | **Total Delay Time** | 10 nanoseconds (ns) | | **Delay per Tap** | 1.0 nanosecond (ns) | | **Impedance** | 100 Ohms (nominal) | | **Package Type** | 14-pin DIP (Dual In-line Package) | | **Termination** | RoHS Compliant ("-R" suffix) | --- ### ### Key Features * **Multi-Tap Functionality:** The "10TK" prefix signifies that the component has 10 internal "taps." This allows a designer to pick up the signal at different intervals (e.g., at 1ns, 2ns, 3ns, etc.) up to the maximum delay. * **Passive Architecture:** Unlike active delay lines, this part does not require an external power supply ($V_{cc}$). It uses an LC (Inductor-Capacitor) network to delay the signal, which results in lower noise but higher insertion loss. * **Precision Timing:** These are designed for applications where precise clock edge alignment is required to prevent data corruption. * **RoHS Compliance:** The **-R** suffix indicates that the part is lead-free and meets environmental safety standards. --- ### ### Common Applications 1. **Memory Modules:** Used to align strobe signals with data bits in older high-speed memory architectures. 2. **Clock Distribution:** Synchronizing multiple clock signals across a large PCB to ensure they arrive at different components simultaneously. 3. **Pulse Generators:** Shaping specific pulse widths by comparing a signal with its delayed version. 4. **Network Hardware:** Timing adjustments in telecommunication switching equipment. --- ### ### Typical Internal Circuit Diagram Passive delay lines use a series of Inductor-Capacitor (LC) sections. A simplified representation: ```text Input (IN) ----[ L ]----+----[ L ]----+----[ L ]---- Output (OUT) | | | [ C ] [ C ] [ C ] | | | (GND) (GND) (GND) ^ ^ ^ Tap 1 Tap 2 Tap 3 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and a passive delay line?
    • ⤷ How do I calculate the insertion loss for the 10TK-010-R?
    • ⤷ Are there Surface Mount (SMD) equivalents for this 14-pin DIP part?