10TK-026-R
AI

The part number **10TK-026-R** typically refers to a high-voltage, surface-mount ceramic capacitor, often manufactured by companies like **Holy Stone Enterprise**. These components are specifically designed for power supply circuits and lighting ballasts.
---
### 1. Technical Specifications
The breakdown of the part's characteristics is as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Multilayer Ceramic Capacitor (MLCC) |
| **Capacitance Value** | 0.022µF (22nF) |
| **Voltage Rating** | 1000V (1kV) |
| **Tolerance** | ±10% (K) |
| **Dielectric Material** | X7R (Stable temperature coefficient) |
| **Package / Case** | 1812 (4532 Metric) |
| **Termination** | RoHS Compliant (R - Lead-Free) |
---
### 2. Key Internal Features
* **Dielectric Material (X7R):** This is a "temperature stable" ceramic. It operates from -55°C to +125°C with a maximum capacitance change of ±15%.
* **High Voltage Architecture:** The internal electrodes are designed with a specific overlap pattern to prevent arcing and withstand high potential differences across the ceramic layers.
* **Termination:** Usually features a "Soft Termination" or standard tin-over-nickel barrier to ensure solderability and mechanical strength.
---
### 3. Common Applications
Due to its high voltage rating and compact 1812 footprint, it is commonly used in:
1. **DC-DC Converters:** Input/Output filtering in industrial power modules.
2. **Inverters:** Snubber circuits to protect switches from voltage spikes.
3. **LED Lighting:** Used in the driver stages where high-line voltages are present.
4. **Modems/Telecom:** Isolation and surge protection.
---
### 4. Handling and Safety
* **Voltage Stress:** Ensure the operating voltage does not exceed 1000V. Continuous operation at the limit can shorten the component's lifespan.
* **Thermal Shock:** Like all MLCCs, this part is sensitive to rapid temperature changes during soldering (Reflow/Wave). Pre-heating is essential to avoid micro-cracks.
- ⤷What is the difference between X7R and NPO dielectrics for this part?
- ⤷ How does the '1812' case size affect the PCB layout?
- ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?