10TK-320-R
AI

The **10TK-320-R** is a specific part number belonging to the **TK Series** of aluminum electrolytic capacitors, manufactured by **Rubycon Corporation**. This component is designed for surface-mount technology (SMT) and is known for its low impedance and high reliability.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by Rubycon to define its electrical characteristics:
| Characteristic | Specification | Notes |
| :--- | :--- | :--- |
| **Capacitance** | 320 µF (Estimated) | Standard value for this specific series. |
| **Voltage Rating** | 10V DC | The maximum continuous operating voltage. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **Temperature Range** | -55°C to +105°C | Rated for high-temperature environments. |
| **Series** | TK Series | Low impedance and long life (typically 2000 hours). |
| **RoHS Status** | Compliant (-R) | Lead-free and environmentally friendly. |
---
## 2. Key Features and Construction
The 10TK-320-R is built to withstand the rigors of modern electronic circuits.
### Physical Attributes
* **V-Chip Design:** The "Chip" or "V-Chip" designation refers to its vertical cylindrical shape with a square plastic base for SMT soldering.
* **Aluminum Construction:** Utilizes an aluminum can housing with an electrolyte-impregnated paper separator.
### Performance Characteristics
* **Low Impedance:** Specifically engineered to provide low resistance at high frequencies, which is critical for power supply filtering.
* **Reflow Soldering Compatible:** Built to endure the high temperatures of infrared or convection reflow soldering processes.
---
## 3. Common Applications
This part is typically found in circuits where space is limited but high capacitance and stability are required:
1. **Switching Power Supplies:** Used for smoothing output voltage ripples.
2. **DC-DC Converters:** Acts as a bulk capacitor to stabilize power rails.
3. **Consumer Electronics:** Found in motherboards, laptops, and digital displays.
4. **Industrial Automation:** Used in control boards where 105°C heat resistance is necessary.
---
## 4. Replacement and Alternatives
If the 10TK-320-R is unavailable, look for alternatives that match the following:
* **Footprint:** Ensure the diameter and height (e.g., 6.3x8mm or 8x10mm) match your PCB layout.
* **ESR/Impedance:** The replacement must have an equivalent or lower impedance rating.
* **Voltage:** You can use a higher voltage (e.g., 16V) if dimensions allow, but never lower than 10V.
- ⤷
What are the exact physical dimensions (diameter and height) for the 10TK-320-R?
- ⤷ Can I substitute a 10V capacitor with a 16V capacitor in this circuit?
- ⤷ How does the TK series compare to the TZ or TL series from Rubycon?