10TK-336-R
AI

The part number **10TK-336-R** refers to a specific type of **SMD (Surface Mount Device) Aluminum Electrolytic Capacitor**, typically manufactured by companies like **Lelon** or **Multicomp**. It belongs to a series designed for general-purpose applications requiring a compact vertical footprint (V-Chip).
---
## Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Capacitance** | 33 $\mu$F (Microfarads) |
| **Voltage Rating** | 10V DC |
| **Tolerance** | $\pm$20% (Standard) |
| **Case Code/Size** | Often 4mm x 5.4mm or 5mm x 5.4mm |
| **Temperature Range** | -40°C to +85°C (Standard) or +105°C (High Temp) |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Polarity** | Polarized (Marked with a black stripe) |
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying similar components:
1. **10**: Represents the **Rated Voltage** (10 Volts).
2. **TK**: Represents the **Series Code**. "TK" usually denotes a standard or low-impedance series depending on the manufacturer’s catalog.
3. **336**: This is the capacitance code.
* `33` = Significant figures.
* `6` = Number of zeros (in picofarads).
* Calculation: $33 \times 10^6$ pF = 33,000,000 pF = **33 $\mu$F**.
4. **R**: Usually denotes **RoHS Compliance** or **Tape & Reel** packaging.
---
## Key Features & Applications
### Features
* **Small Footprint:** Designed for high-density PCB mounting.
* **Reflow Solder Compatible:** Can withstand the high temperatures of automated soldering ovens.
* **Low Profile:** The "V-Chip" style allows for use in slim electronic devices.
### Common Applications
* **Power Management:** Used for filtering and decoupling in DC-DC converters.
* **Consumer Electronics:** Found in laptops, cameras, and portable audio devices.
* **Bypass:** Shunting noise to ground in low-voltage digital circuits.
---
## Usage Precautions
* **Polarity:** These are polarized components. Reverse voltage can cause the electrolyte to overheat, leading to part failure or explosion.
* **Voltage Derating:** It is best practice to run the capacitor at 80% or less of its rated voltage (e.g., use this 10V cap for a 5V or 3.3V rail) to ensure longevity.
- ⤷What is the difference between the TK series and other capacitor series like VE or VZ?
- ⤷ Can this capacitor be used in automotive applications?
- ⤷ What are the specific pad dimensions for the 10TK-336-R footprint?