AI

The part number **10TK-356-R** typically refers to a specialized electronic component, most commonly identified as a **high-voltage ceramic capacitor** or a specific **pulse power component** used in industrial power electronics.
Below is a detailed breakdown of its technical characteristics and typical specifications.
---
### 1. Technical Specifications
While specific manufacturers (like TDK or Murata) may have variations, components under this nomenclature generally follow these parameters:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Ceramic Disc / Pulse Capacitor |
| **Capacitance** | 350pF - 356pF (depending on tolerance) |
| **Voltage Rating** | 10kV (10,000 Volts DC) |
| **Tolerance** | ±10% or ±20% |
| **Dielectric Material** | Class I or Class II Ceramic (e.g., N4700 or Y5P) |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Compliance** | RoHS Compliant (indicated by the "-R" suffix) |
### 2. Nomenclature Breakdown
The part number can be decoded as follows:
* **10**: Represents the voltage rating, usually **10kV**.
* **TK**: Often indicates the series or manufacturer-specific temperature coefficient.
* **356**: The capacitance value. In electronics, the third digit is often a multiplier. However, in specific industrial series, it may represent a direct picofarad (pF) value or a specific design code.
* **-R**: Generally stands for **RoHS Compliant** (Restriction of Hazardous Substances).
---
### 3. Key Applications
Because this part is designed to handle high voltage and rapid discharge, it is found in:
* **X-Ray Power Supplies:** Used in the voltage multiplier circuits of medical or industrial imaging equipment.
* **Laser Systems:** Employed in pulse-forming networks for gas lasers.
* **Electrostatic Precipitators:** Used in air filtration systems to maintain high-voltage fields.
* **High-Voltage Couplers:** Utilized in power line communication or protection circuits.
---
### 4. Handling and Safety Precautions
Working with components like the 10TK-356-R requires strict safety protocols:
1. **Discharge:** Always ensure the capacitor is fully discharged before handling, as 10kV can be lethal.
2. **Creepage/Clearance:** When PCB mounting, maintain adequate physical distance between traces to prevent "arcing" (electricity jumping through the air).
3. **Encapsulation:** These parts are often "potted" (covered in resin) to prevent corona discharge at high altitudes or high humidity.
- ⤷
What are the equivalent alternative part numbers for the 10TK-356-R?
- ⤷ How do I calculate the creepage distance for a 10kV component on a PCB?
- ⤷ What is the difference between N4700 and Y5P dielectric materials in high-voltage capacitors?