AI

The part number **10TK-3B0-R** typically refers to a specific series of **Touch Switches (Tactile Switches)**, often manufactured by companies like **Dipty** or other electronic component suppliers specializing in interface hardware.
Below is a breakdown of its features, specifications, and typical applications.
---
### 1. Component Overview
The 10TK series represents a sub-miniature tactile switch designed for PCB (Printed Circuit Board) mounting. These are momentary "push-to-make" switches that provide physical feedback (a "click") when pressed.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Mounting Type** | Through-Hole (THT) or SMD (depending on specific suffix) |
| **Actuation Force** | Typically 160gf to 260gf |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Function** | Momentary (Normally Open) |
---
### 2. Part Number Breakdown (Typical)
While manufacturers vary slightly, the nomenclature usually follows this logic:
* **10TK**: Series identifier (Size/Design).
* **3B0**: Often refers to the **height** of the actuator (plunger) or the specific casing dimensions.
* **R**: Generally indicates the **Packaging** (e.g., RoHS Compliant or Tape & Reel) or **Actuation Color/Force**.
---
### 3. Technical Specifications
These switches are designed for low-power signal switching rather than high-power loads.
| Specification | Value (Standard) |
| :--- | :--- |
| **Maximum Voltage** | 12V DC |
| **Maximum Current** | 50mA |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ (100V DC) |
| **Operating Temperature** | -25°C to +70°C |
| **Life Cycle** | 100,000 to 500,000 cycles |
---
### 4. Physical Dimensions
Tactile switches like the 10TK series usually come in a **6x6mm** or **12x12mm** square footprint. The "3B0" suffix commonly points to a plunger height of approximately **3.0mm to 3.5mm** measured from the base of the switch to the top of the button.
---
### 5. Applications
Due to their small size and reliability, these parts are found in:
1. **Consumer Electronics**: Remote controls, microwave panels, and calculators.
2. **Industrial Controls**: Reset buttons on PCBs and interface panels.
3. **Computer Peripherals**: Power buttons and adjustment toggles on monitors.
4. **DIY/Prototyping**: Commonly used on breadboards for Arduino/Raspberry Pi projects.
---
### 6. Installation (Pinout)
The switch typically has 4 pins. Internally, pins are connected in pairs. When the button is pressed, it bridges the two pairs, completing the circuit.
```text
(1) --- [ Switch ] --- (2)
| |
(3) --- [ Gap ] --- (4)
*Pins 1 & 3 are usually connected internally.
*Pins 2 & 4 are usually connected internally.
```
---
- ⤷
What is the exact physical footprint (mm) for the 10TK-3B0-R?
- ⤷ Can this switch be used in 24V DC control circuits?
- ⤷ Does the 'R' suffix indicate a specific operating force like 160gf or 260gf?