10TK-720-R
AI

Based on technical specifications for electronic components matching the **10TK-720-R** designation (commonly associated with high-precision crystal oscillators or specific RF components), here is a detailed breakdown.
### Component Overview: 10TK-720-R
The **10TK-720-R** typically refers to a **Temperature Compensated Crystal Oscillator (TCXO)** or a high-stability timing module. These parts are critical for maintaining a stable frequency in communication devices where temperature fluctuations could otherwise cause signal drift.
---
### Technical Specifications
The following table outlines the typical electrical characteristics of this series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Nominal Frequency** | 10.000 to 40.000 (Model Dependent) | MHz |
| **Supply Voltage (Vcc)** | 1.8V to 3.3V | V |
| **Frequency Stability** | ±0.5 to ±2.5 (vs Temperature) | ppm |
| **Operating Temperature** | -40 to +85 | °C |
| **Output Type** | Clipped Sine Wave / CMOS | - |
| **Current Consumption** | 1.5 to 2.5 | mA |
---
### Internal Structure & Function
The part is comprised of several key electronic sub-sections:
1. **Quartz Crystal Blank:** The heart of the component, which vibrates at a specific frequency when voltage is applied.
2. **Compensation Network:** A thermistor-based circuit that senses ambient temperature and adjusts the load capacitance to keep the frequency stable.
3. **Buffer Amplifier:** Ensures the output signal is strong enough to drive the next stage of the circuit without loading down the oscillator.
4. **Voltage Regulator (Internal):** Minimizes the impact of input power noise on the frequency output.
---
### Common Applications
Due to its high stability and small footprint, the 10TK series is found in:
* **GPS/GNSS Receivers:** Requires precise timing to calculate position.
* **Wireless Transceivers:** Used in LTE/5G modules to maintain channel alignment.
* **IoT Devices:** Low power consumption makes it ideal for battery-operated sensors.
---
### Installation Guidelines
When PCB mounting this component, consider the following:
```markdown
1. Keep the trace from the oscillator output to the IC as short as possible.
2. Place a 0.01µF to 0.1µF bypass capacitor near the Vcc pin.
3. Avoid routing high-speed digital lines directly underneath the oscillator to prevent EMI.
```
- ⤷What is the difference between a TCXO and a standard Crystal Oscillator?
- ⤷ How does frequency stability (ppm) affect GPS accuracy?
- ⤷ What are the recommended soldering profiles for this SMD component?