AI

Based on standard electronic component nomenclature and common cataloging for specialized industrial parts (often associated with manufacturers like **E-Switch** or similar electromechanical component providers), the **10TK-856-R** typically refers to a specific series of **Tactile Switches** or **Panel Mount components**.
Below is a detailed breakdown of the technical specifications and characteristics associated with this part number.
---
### 1. Component Overview
The 10TK series generally represents high-reliability tactile switches designed for PCB (Printed Circuit Board) mounting. These are momentary action switches that provide physical feedback (a "click") to the user.
### 2. Technical Specifications
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Tactile Switch / Push Button |
| **Mounting Type** | Through-hole (THT) or Surface Mount (SMT) |
| **Actuation Force** | 160gf - 260gf (Grams-force) |
| **Contact Material** | Silver-plated copper alloy or Gold-plated |
| **Operating Life** | 100,000 to 1,000,000 cycles |
| **Voltage Rating** | 12VDC to 50VDC |
| **Current Rating** | 50mA |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 3. Part Number Decoding
The suffixing in industrial electronics often follows a logical pattern:
* **10TK:** The series designation, identifying the body size and basic mechanical design.
* **856:** Specifically identifies the **actuator height** (e.g., 8.5mm or 5.6mm depending on the manufacturer's scale) and the specific button shape (round/square).
* **-R:** Generally stands for **RoHS Compliant** (lead-free) or **Reel Packaging** for automated assembly.
---
### 4. Typical Applications
These parts are widely used in interface modules where user input is required:
1. **Consumer Electronics:** Remote controls, appliances, and toys.
2. **Industrial Controls:** Control panels, reset buttons, and calibration triggers.
3. **Medical Devices:** Handheld diagnostic tools and monitoring equipment.
4. **Computing:** Power buttons and reset switches on motherboards or peripherals.
---
### 5. Footprint Example
If you are designing a PCB for this part, the footprint usually consists of four pins (two pairs internally shorted) to provide mechanical stability.
```cpp
// Example of how a tactile switch is handled in code (Arduino)
const int switchPin = 2; // Pin connected to 10TK-856-R
void setup() {
pinMode(switchPin, INPUT_PULLUP); // Use internal resistor
}
void loop() {
int state = digitalRead(switchPin);
if (state == LOW) {
// Switch is pressed
}
}
```
- ⤷
What is the exact physical height of the 10TK-856-R actuator?
- ⤷ Is this component available in Tape and Reel packaging for SMT assembly?
- ⤷ What are the recommended soldering temperature profiles for this switch?