Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10TK-8C0-R

  • AI
    The part number **10TK-8C0-R** generally refers to a specific series of **low-profile, high-capacitance Tantalum Capacitors** (often categorized under Polymer Tantalum or traditional Tantalum Chip capacitors). These components are critical in power management for compact electronic devices. Below is a breakdown of the technical characteristics and specifications associated with this part. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Tantalum Capacitor (Surface Mount) | | **Capacitance** | Typically indicates a specific value (e.g., 10µF depending on manufacturer code) | | **Voltage Rating** | Generally rated for low voltage DC applications (e.g., 6.3V to 10V) | | **Case Size** | "8C0" or "C" size refers to the EIA standard footprint (often 6032 or 3528) | | **Termination** | RoHS compliant (indicated by the "-R" suffix) | --- ### 2. Key Features * **Low Profile:** Designed for space-constrained PCB designs such as smartphones, tablets, and thin laptops. * **High Stability:** Tantalum capacitors offer better stability across temperature ranges compared to standard Aluminum Electrolytics. * **High Volumetric Efficiency:** Provides a large amount of capacitance in a very small physical package. * **Low ESR:** Usually features Low Equivalent Series Resistance, which is essential for filtering high-frequency noise in power supplies. --- ### 3. Pinout and Mounting These are **Polarized** surface-mount devices (SMD). ```markdown Polarity Identification: [+][-----------------] <-- The side with the stripe (bar) [ ] Body ] is the POSITIVE (+) terminal. [+][-----------------] ``` > **Warning:** Tantalum capacitors are sensitive to reverse voltage. Applying voltage in the wrong polarity or exceeding the rated voltage can lead to component failure or combustion. --- ### 4. Common Applications 1. **Decoupling:** Placed near Integrated Circuits (ICs) to smooth out voltage fluctuations. 2. **Filtering:** Used in DC-DC converters to reduce ripple current. 3. **Energy Storage:** Providing quick bursts of power for high-speed switching circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the 10TK prefix?
    • ⤷ What are the specific dimensions of the 8C0 case size?
    • ⤷ Can this capacitor be used in AC circuits?