10TS-046-R
AI

Based on the part number **10TS-046-R**, this component typically refers to a **Tactile Switch** (also known as a momentary push-button switch) commonly used in PCB designs.
---
### 1. Component Overview
The 10TS-046-R is a miniature electronic switch that completes an electrical circuit only when the button is physically pressed. Once released, the switch returns to its open (off) position.
### 2. Technical Specifications
While specific manufacturers may have slight variations, the general specifications for this series are:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Tactile / Momentary |
| **Actuator Height** | 4.3mm - 5.0mm (standard) |
| **Mounting Type** | Through-Hole (THT) |
| **Circuit** | SPST (Single Pole Single Throw) |
| **Contact Rating** | 50mA @ 12V DC |
| **Operating Force** | 160gf to 250gf |
| **Life Expectancy** | ~100,000 cycles |
| **Contact Resistance** | < 100 mΩ |
---
### 3. Physical Construction
The "R" in the suffix often denotes **RoHS Compliance** or specific packaging (like Tape & Reel), though in tactile switches, it usually confirms environmental compliance.
* **Actuator:** The top button usually made of plastic.
* **Cover:** Metal plate holding the components together.
* **Contact Dome:** A stainless steel or copper alloy disc that provides the "click" feel and completes the circuit.
* **Base:** Heat-resistant molded plastic.
* **Terminals:** Usually four pins (internally connected in pairs for stability).
---
### 4. Common Applications
Due to its small footprint and reliability, the 10TS-046-R is used in:
1. **Consumer Electronics:** Remote controls, microwave panels, and calculators.
2. **Computing:** Reset buttons on motherboards or peripheral devices.
3. **Industrial:** Control panels and interface modules.
4. **DIY/Prototyping:** Breadboard-friendly testing buttons.
---
### 5. Circuit Diagram (Internal Connection)
The switch typically has four pins. Pins 1 and 2 are internally connected, and pins 3 and 4 are internally connected. Pressing the button bridges the gap between the 1-2 pair and the 3-4 pair.
```text
Pin 1 ----|---- Pin 3
| (Switch)
Pin 2 ----|---- Pin 4
```
- ⤷
What is the exact footprint dimensions for the 10TS-046-R on a PCB?
- ⤷ Can this switch be used for AC voltage applications?
- ⤷ What is the difference between a tactile switch and a push-button switch?