10TS-0A0-R
AI

The part number **10TS-0A0-R** typically refers to a high-precision **SMD (Surface Mount Device) Crystal Oscillator** or a similar frequency control component, often associated with manufacturers like *Taitien* or other specialized timing component providers.
Below is a breakdown of the technical specifications and characteristics generally associated with this series of electronic parts.
---
### 1. General Specifications
These components are used to provide a stable clock signal for microprocessors and digital circuits.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO or Standard XO) |
| **Package Type** | SMD (Surface Mount Device) |
| **Common Size** | 7.0 x 5.0 mm or 5.0 x 3.2 mm (Series dependent) |
| **Mounting Type** | Reflow Solderable |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
### 2. Part Number Breakdown (Estimated)
Electronic part numbers are alphanumeric codes where each segment represents a specific physical or electrical characteristic:
* **10**: Often denotes the base series or frequency range (e.g., 10 MHz or Series 10).
* **TS**: Usually indicates the product family (e.g., Temperature Compensated or Standard).
* **0A0**: Internal factory code for specific voltage (e.g., 3.3V) and frequency stability (e.g., ±25ppm).
* **-R**: Typically stands for **RoHS Compliant** or **Tape & Reel** packaging.
### 3. Key Technical Attributes
If this part is used in your circuit, it likely possesses the following electrical traits:
* **Frequency Stability:** High precision, often within ±10ppm to ±50ppm across a wide temperature range.
* **Operating Voltage:** Common values are **1.8V, 2.5V, or 3.3V**.
* **Output Logic:** Most likely **CMOS** or **Clipped Sine Wave**.
* **Applications:**
* Wireless communication (Wi-Fi/Bluetooth modules).
* GPS/GNSS receivers.
* Embedded systems requiring precise timing.
### 4. Handling and Soldering
Since this is an SMD part, it requires specific handling:
1. **Moisture Sensitivity:** Usually rated at MSL 1.
2. **Soldering Profile:** Must follow the Pb-free reflow profile (typically peaking at 260°C).
3. **Orientation:** The "Dot" or chamfered corner on the casing indicates Pin 1.
---
- ⤷What is the exact frequency of the 10TS-0A0-R in MHz?
- ⤷ Who is the primary manufacturer for this specific part number?
- ⤷ Can you provide the pinout diagram for a standard 4-pin SMD oscillator?