10TS-120-R
AI

The **10TS-120-R** is a specific model within the series of high-quality **Tactile Switches**. These components are widely used in electronic interfaces to provide physical feedback (a "click") to the user when a circuit is closed.
---
### 1. Technical Specifications
The following table highlights the core electronic and mechanical characteristics of the 10TS-120-R:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary Pushbutton) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Force** | 120gf (Grams-force) ± 30gf |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | 100mΩ Max |
| **Insulation Resistance** | 100MΩ Min @ 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Life** | 100,000 to 500,000 cycles (Typical) |
---
### 2. Physical Dimensions & Design
* **Form Factor:** Usually features a compact footprint (often 3x6mm or 6x6mm depending on the specific manufacturer's sub-series).
* **Actuator Height:** The "120" in the series often relates to the actuation force, but specific heights are defined in the datasheet (typically ranging from 2.5mm to 5.0mm).
* **Termination:** Gull-wing leads designed for automated SMT pick-and-place assembly.
* **Material:** High-temperature thermoplastic base to withstand lead-free reflow soldering processes.
---
### 3. Circuit Configuration
The 10TS-120-R is a **SPST-NO** (Single Pole Single Throw - Normally Open) switch.
```text
(Terminal 1) ----/ ---- (Terminal 2)
(Switch)
```
* **Resting State:** The circuit is open (No current flows).
* **Pressed State:** The internal metal dome collapses, connecting the terminals (Current flows).
* **Release State:** The dome springs back, breaking the connection.
---
### 4. Key Applications
Because of its small size and reliable tactile feedback, this part is commonly found in:
1. **Consumer Electronics:** Mobile phones, remote controls, and wearables.
2. **Computing:** Reset buttons on motherboards or peripheral buttons.
3. **Industrial:** Control panels and membrane keypad interfaces.
4. **Automotive:** Dashboard controls and key fobs.
- ⤷
What is the difference between SMT and Through-hole tactile switches?
- ⤷ How does actuation force affect user experience in tactile switches?
- ⤷ Can the 10TS-120-R be used for AC power switching applications?