10TS-266-R
AI

The **10TS-266-R** is a specific model within the series of high-precision, low-profile tactile switches, commonly manufactured by companies like **Dailywell** or similar industrial component suppliers. These switches are fundamental components in human-machine interfaces (HMI).
---
### 1. Technical Specifications
The "10TS" series generally refers to sub-miniature tactile switches. Below are the typical technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Contact Form** | SPST-NO (Single Pole Single Throw, Normally Open) |
| **Actuation Force** | 160gf to 260gf (Commonly 260gf for the -266 variant) |
| **Mounting Type** | Through-Hole (Right Angle) |
| **Terminal Material** | Copper Alloy with Silver or Gold Plating |
| **Operating Life** | 100,000 to 1,000,000 cycles |
| **Current Rating** | 50mA @ 12VDC |
---
### 2. Key Components & Materials
The internal architecture of the 10TS-266-R consists of several critical layers:
1. **The Actuator (Stem):** The physical button pushed by the user. In the 10TS series, these are often made of high-temperature thermoplastic (LCP or Nylon).
2. **The Contact Dome:** A stainless steel snap-dome. This provides the "click" feeling (tactile feedback) and closes the electrical circuit when compressed.
3. **The Base (Housing):** Designed to withstand soldering temperatures.
4. **Terminals:** Usually arranged in a right-angle configuration for edge-mounting on a PCB.
---
### 3. Applications
Due to its small footprint and reliable tactile feedback, the 10TS-266-R is used in:
* **Consumer Electronics:** Reset buttons on routers or smart home devices.
* **Industrial Controls:** Interface buttons on hand-held testing equipment.
* **Medical Devices:** Control panels where space is limited.
* **Computing:** Peripheral input buttons.
---
### 4. Mounting Geometry (Example)
The "R" in the suffix often denotes a **Right-Angle** orientation. Here is a conceptual representation of the pinout:
```text
[ Actuator ]
| |
| [Body] |
|____________|
| | | | <-- Right Angle Pins
L___J L___J (Bend 90 degrees to PCB)
```
- ⤷
What is the exact footprint dimensions for the 10TS-266-R?
- ⤷ Can this switch be used in SMT (Surface Mount) processes?
- ⤷ What are the alternatives to silver plating for corrosive environments?