10TS-320-R
AI

The **10TS-320-R** is an electronic component primarily classified as a **Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and interface panels to provide momentary physical feedback to the user.
---
### 1. Technical Specifications
The "10TS-320-R" typically follows standard industry specifications for small-form-factor PCB switches.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Actuator Type** | Round Button / Stem |
| **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) |
| **Contact Arrangement** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Operating Force** | 160gf to 250gf (Grams-force) |
| **Electrical Rating** | 50mA @ 12V DC |
| **Travel Distance** | 0.25mm ± 0.1mm |
| **Mechanical Life** | 100,000+ Cycles |
---
### 2. Internal Construction
The internal architecture of this switch consists of several key layers designed for durability and conductivity:
* **Actuator (Stem):** The physical button pressed by the user. The height can vary based on the specific sub-model.
* **Cover/Frame:** Usually made of stainless steel or plastic to hold the internal components in place.
* **Contact Dome:** A snap-action metal disc. When pressed, it collapses to complete the circuit and provides the "click" feeling (haptic feedback).
* **Base:** A high-temperature resistant thermoplastic housing the terminals.
* **Terminals:** Silver-plated brass or copper alloy for soldering onto a circuit board.
---
### 3. Wiring Configuration
Since it is a **Normally Open (NO)** switch, the circuit remains disconnected until the button is depressed.
```mermaid
graph LR
A[Input Terminal] -- Pressing Button --> B[Output Terminal]
note[Circuit Completes Only During Compression]
```
### 4. Common Applications
Due to its reliability and small footprint, the 10TS-320-R is found in:
1. **Consumer Electronics:** Remote controls, microwave panels, and calculators.
2. **Computing:** Reset buttons on motherboards or peripheral input devices.
3. **Industrial:** PLC input triggers and emergency stop reset signals.
4. **Medical:** Interface buttons for handheld diagnostic tools.
---
- ⤷
What is the difference between Through-Hole and Surface Mount versions of this switch?
- ⤷ How do I debounce this switch in a microcontroller circuit?
- ⤷ What is the maximum current rating for the 10TS-320-R?