10TS-4B0-R
AI

The **10TS-4B0-R** is a specific electronic component, typically categorized as a **Tactile Switch** (also known as a momentary push-button switch). These components are ubiquitous in consumer electronics for providing user input with physical feedback.
---
### 1. Technical Specifications
The following table outlines the general technical characteristics common to the 10TS series (specifically the 4B0-R variant):
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuator Style** | Round / Standard Flush |
| **Operating Force** | Typically 160gf to 250gf |
| **Contact Rating** | 50mA @ 12VDC |
| **Switch Function** | Momentary (Off-On) |
| **Termination Style** | Gull Wing (J-Lead) or Flat Lead |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Physical Dimensions & Layout
The "4B0" segment of the part number often refers to the physical size and height of the switch.
* **Standard Footprint:** Usually 6.0mm x 6.0mm or 4.5mm x 4.5mm depending on the specific manufacturer series.
* **Height:** The "4" often signifies a 4.3mm or 5.0mm height from the PCB to the top of the actuator.
* **Material:** Built with a high-temperature thermoplastic base to withstand SMT reflow soldering temperatures.
---
### 3. Key Features
* **Tactile Feedback:** Provides a distinct "click" sensation when pressed, confirming the circuit has been closed.
* **Durability:** Rated for high cycle life, often between 100,000 to 1,000,000 actuations.
* **Environmental Resistance:** The "-R" usually denotes RoHS compliance, meaning it is free from hazardous substances like lead and cadmium.
* **Tape and Reel Packaging:** Designed for automated "pick and place" assembly lines.
---
### 4. Common Applications
Due to its small form factor and reliability, the 10TS-4B0-R is found in:
1. **Consumer Electronics:** Remote controls, microwave buttons, and cameras.
2. **Computing:** Reset buttons on motherboards or interface buttons on monitors.
3. **Industrial:** Control panels and handheld measurement tools.
4. **Automotive:** Dashboard controls and key fobs.
- ⤷
What is the exact footprint size for the 10TS-4B0-R in millimeters?
- ⤷ Does this switch come in a 'Through-Hole' mounting version?
- ⤷ What is the expected electrical life cycle for this specific model?