AI

The **10TS-526-R** is a specific part number primarily associated with **tactile switches** (often referred to as tact switches). These are small electromechanical devices used to close an electrical circuit when the button is pressed, providing physical feedback (a "click") to the user.
---
### 1. General Specifications
While specific data can vary slightly by manufacturer (commonly produced by brands like Xinda or generic electronic component suppliers), the "10TS" series typically follows these parameters:
| Parameter | Common Value |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) |
| **Actuation Force** | 160gf to 250gf (Grams-force) |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ |
| **Operating Life** | 100,000+ Cycles |
---
### 2. Physical Dimensions & Structure
The "526" in the part number often refers to the specific dimensions of the switch housing and the height of the plunger (the button part).
* **Base Size:** Usually 6mm x 6mm.
* **Height:** The "5" in 526 often indicates a total height of **5.0mm** from the base to the top of the button.
* **Terminal Count:** Typically **4 pins**. Internally, these are usually connected in pairs (Pin 1 to Pin 2, Pin 3 to Pin 4). Pressing the button connects all four pins.
---
### 3. Key Features
* **Tactile Feedback:** Provides a distinct "click" sound and feel, confirming the actuation to the user.
* **Momentary Action:** The circuit is only closed while the button is being held down. It returns to the "Open" state immediately upon release.
* **Snap-in Terminals:** Designed to stay in place on a PCB (Printed Circuit Board) before soldering.
---
### 4. Circuit Diagram (Internal)
The internal wiring usually looks like this in a 4-pin configuration:
```text
(1)-------(2)
|
[---] <-- Actuator
|
(3)-------(4)
```
*When the button is pressed, the bridge connects the (1,2) pair to the (3,4) pair.*
---
### 5. Common Applications
Due to its small footprint and reliability, the 10TS-526-R is found in:
1. **Consumer Electronics:** Remote controls, microwave panels, and digital cameras.
2. **Computing:** Reset buttons on motherboards or power buttons on monitors.
3. **Industrial:** Interface panels for machinery and testing equipment.
4. **Prototyping:** Widely used on breadboards for Arduino or Raspberry Pi projects.
- ⤷What is the difference between through-hole and SMD versions of this switch?
- ⤷ How do I debounce this switch in a microcontroller circuit?
- ⤷ Can this switch handle AC voltage applications?