Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10TS-630-R

  • AI
    The **10TS-630-R** typically refers to a high-voltage, high-capacity **Ceramic Disc Capacitor**, often used in industrial power electronics, television circuits, and lightning arrestor systems. Below is the technical breakdown of its electronic characteristics. --- ## 1. Technical Specifications The alphanumeric code provides specific details regarding its voltage rating and capacitance. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 10,000 pF (10nF) | Total charge storage capacity. | | **Voltage Rating** | 630V DC | Maximum continuous operating voltage. | | **Tolerance** | ±10% to ±20% | Deviation from nominal capacitance (standard for 'TS' series). | | **Material Type** | Ceramic (Class II) | High dielectric constant, typically Y5P or Z5U. | | **Lead Style** | Radial | Two wires protruding from the bottom for PCB mounting. | --- ## 2. Key Electronic Components This part is composed of three primary physical and chemical layers: ### A. The Dielectric (Ceramic) The "heart" of the 10TS-630-R is a ceramic disc. Ceramic capacitors are non-polarized, meaning they can be connected in any direction. The ceramic material acts as an insulator that stores energy through an electric field. ### B. Silver Electrodes A thin layer of silver is deposited on both sides of the ceramic disc. These serve as the conductive plates. The surface area of these plates determines the capacitance value. ### C. Epoxy Coating The outer "shell" (usually blue or orange) is a flame-retardant epoxy resin. This protects the internal components from moisture, oxidation, and mechanical stress. --- ## 3. Circuit Functions In an electronic circuit, the 10TS-630-R is generally used for the following purposes: 1. **Bypassing / Decoupling:** Shunts high-frequency noise to the ground to prevent interference in power lines. 2. **Coupling:** Allows AC signals to pass while blocking DC components. 3. **Snubber Circuits:** Protects power transistors (like MOSFETs) from high-voltage spikes caused by inductive loads. 4. **Filtering:** Used in power supplies to smooth out voltage ripples. --- ## 4. Part Number Breakdown While manufacturer codes vary slightly, the standard breakdown is as follows: ```text 10 - (Capacitance value indicator, e.g., 10nF) TS - (Series identifier / Temperature Coefficient) 630 - (Voltage rating: 630 Volts) R - (RoHS Compliant / Packaging code) ```
    ✨ Follow-up Questions
    • ⤷ What are the temperature stability ratings for the TS series ceramic capacitors?
    • ⤷ Can this capacitor be used in AC mains filtering applications?
    • ⤷ What are the common alternatives if a 10TS-630-R is out of stock?