Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10TS-636-R

  • AI
    Based on technical specifications for industrial electronic components, the part number **10TS-636-R** typically refers to a high-quality **Toggle Switch** (often associated with manufacturers like Dailywell or similar industrial electronics suppliers). Below is a detailed breakdown of its electronic characteristics and construction. --- ## 1. Technical Specifications The following table summarizes the primary electrical and mechanical ratings for this component: | Feature | Specification | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-ON (Latching) | | **Contact Rating** | 6A @ 125VAC / 3A @ 250VAC / 4A @ 30VDC | | **Insulation Resistance** | 1,000 MΩ min. | | **Dielectric Strength** | 1,000 Vrms min. @ sea level | | **Operating Temperature** | -30°C to +85°C | | **Termination Style** | PC Mount (Right Angle) | --- ## 2. Key Features and Construction ### Electrical Design * **SPDT Logic:** This switch has three terminals. One is the "Common," and the toggle directs current to one of the two outer pins. Since it is an **ON-ON** configuration, it has no "OFF" position; it simply toggles between two active circuits. * **Contact Material:** Usually features silver-plated or gold-over-silver contacts to ensure low contact resistance and prevent oxidation. ### Mechanical Design * **The "-R" Suffix:** In electronic part numbering, the "R" often denotes a **Right-Angle** mounting orientation. This allows the toggle lever to protrude through a side panel while the pins are soldered vertically into a Printed Circuit Board (PCB). * **Actuator:** Typically a standard round lever made of chrome-plated brass. * **Bushing:** Threaded or non-threaded, depending on the specific mounting hardware included. --- ## 3. Applications The 10TS-636-R is commonly found in the following environments: 1. **Telecommunications:** Routing signals between two different paths. 2. **Instrumentation:** Mode selection for multimeters or laboratory equipment. 3. **Medical Equipment:** High-reliability power or signal switching. 4. **Audio/Visual:** Input switching for professional audio interfaces. --- ## 4. Soldering Guidelines To ensure the longevity of the internal contacts, adhere to the following soldering parameters: ```markdown - Manual Soldering: Max 350°C for 3 seconds. - Wave Soldering: Max 260°C for 5 seconds. - Pre-heat: 100°C to 150°C for 60 seconds. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT in this switch series?
    • ⤷ Can this switch be used for high-current DC motor control?
    • ⤷ Are there waterproof versions of the 10TS series available?