10TS-640-R
AI

The **10TS-640-R** is an electronic component, specifically a **Surface Mount (SMT) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and medical devices as momentary push-button interfaces.
---
### 1. Key Technical Specifications
Based on the industry standards for the 10TS series, here are the primary electrical and mechanical characteristics:
| Property | Specification |
| :--- | :--- |
| **Mounting Type** | Surface Mount (SMT / SMD) |
| **Circuit** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Switch Function** | Momentary (Turns ON when pressed, OFF when released) |
| **Actuator Height** | 4.3mm to 5.0mm (standard for the 640 series) |
| **Operating Force** | Typically 160gf or 250gf |
| **Contact Rating** | 50mA @ 12VDC |
| **Base Dimensions** | 6.0mm x 6.0mm |
---
### 2. Physical Construction
The "10TS" series follows a standard 6x6mm footprint. Its anatomy consists of four main parts:
1. **The Cover:** Usually made of stainless steel or brass to protect the internal dome.
2. **The Actuator (Stem):** The plastic "button" you press. The "640" in the part number often designates the height or specific stem style.
3. **The Contact Dome:** A metallic disk that provides tactile feedback (the "click") and completes the electrical circuit.
4. **The Base:** A high-temperature thermoplastic (LCP or Nylon) that houses the terminals and withstands reflow soldering.
---
### 3. Part Number Breakdown
While manufacturers may vary slightly, the nomenclature usually follows this logic:
* **10TS:** Series identifier (standard 6x6mm tactile switch).
* **640:** Size/Height indicator (e.g., 6.0mm x 6.0mm base with specific stem height).
* **R:** Packaging code, typically standing for **Tape & Reel**. This indicates the parts are packaged for automated pick-and-place assembly machines.
---
### 4. Applications
These switches are found in almost any device requiring user input:
* **Computer Peripherals:** Keyboards, mouse buttons, and reset switches.
* **Home Appliances:** Control panels on microwaves or washing machines.
* **Handheld Devices:** Power buttons on remote controls and portable gaming consoles.
* **Automotive:** Dashboard controls and key fobs.
- ⤷
What is the maximum operating temperature for the 10TS-640-R during reflow soldering?
- ⤷ How does the 'gf' (gram-force) rating affect the user experience?
- ⤷ What is the typical life cycle count for this specific switch?