10TS-746-R
AI

The **10TS-746-R** refers to a high-quality, miniature toggle switch typically manufactured by companies like **Dailywell** or similar industrial component suppliers. These switches are widely used in telecommunications, instrumentation, and medical equipment.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Circuitry** | On-On (maintaining position) |
| **Contact Rating** | 5A @ 120VAC or 28VDC; 2A @ 250VAC |
| **Electrical Life** | 40,000 make-and-break cycles at full load |
| **Contact Resistance** | 10 mΩ max. initial @ 2-4VDC |
| **Insulation Resistance** | 1,000 MΩ min. |
| **Dielectric Strength** | 1,000 Vrms min. @ sea level |
| **Operating Temp** | -30°C to 85°C |
---
## Key Components & Materials
The reliability of the 10TS-746-R is derived from its industrial-grade material composition:
1. **Actuator (Toggle):** Usually made of brass, chrome-plated for durability and corrosion resistance.
2. **Bushing:** Nickel-plated brass, providing the threaded interface for panel mounting.
3. **Housing/Case:** Diallyl Phthalate (DAP), a high-strength plastic with excellent thermal stability (UL94V-0 flammability rating).
4. **Contacts/Terminals:** Silver-plated copper alloy (or gold-plated for low-power logic applications) to ensure low electrical resistance.
5. **Terminal Seal:** Epoxy-sealed at the base to prevent contamination (flux/solder) from entering the switch during PCB assembly.
---
## Applications
Because of its compact size and high cycle life, this part is commonly found in:
* **Networking Hardware:** Reset or configuration switches.
* **Audio/Visual Equipment:** Signal routing and power toggles.
* **Industrial Control Panels:** Manual overrides for sensors or motors.
* **Test & Measurement:** Calibration mode selection.
---
## Installation Diagram (Simplified)
```text
[ Actuator ]
||
[ Bushing ] <-- 1/4-40 UNS Thread
__________________
| Body |
|__________________|
| | |
[1] [2] [3] <-- PC Thru-Hole or Solder Lug Terminals
```
- ⤷
What is the difference between SPDT and DPDT toggle switches?
- ⤷ How does the 'On-Off-On' function differ from this 'On-On' model?
- ⤷ Are there waterproof versions of the 10TS series available?