AI

The **10TS-7B6-R** is a specific electronic component, typically categorized as a **Tactile Switch** (also known as a momentary push-button switch). These components are ubiquitous in consumer electronics, providing physical feedback to the user when a button is pressed.
---
### 1. General Specifications
While specific datasheets can vary slightly by manufacturer, the "10TS" series generally follows these technical parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Circuit** | SPST (Single Pole Single Throw) |
| **Voltage Rating** | 12V DC (standard for signal level) |
| **Current Rating** | 50mA |
| **Contact Resistance** | < 100mΩ |
| **Operating Force** | 160gf to 250gf (Grams-force) |
| **Mounting Type** | Through-Hole (THT) or Surface Mount (SMT) |
---
### 2. Breakdown of the Part Number
Though naming conventions differ between brands (like Kingbright, Mors, or generic industrial suppliers), the code usually breaks down as follows:
* **10TS**: The Series designation (often indicating a specific size, such as 6x6mm or 12x12mm).
* **7B6**: This usually refers to the **actuator height** (e.g., 7.0mm) and the **button shape/style**.
* **R**: Often stands for **RoHS Compliant** or refers to the packaging type (e.g., **Reel** for automated assembly).
---
### 3. Key Components of the Switch
The internal architecture of the 10TS-7B6-R consists of several critical layers:
1. **Actuator (Button):** The part you press. In this model, it is usually made of hard plastic.
2. **Cover:** A metal plate that holds the internal components in place.
3. **Contact Dome:** A curved metal disc. When pressed, it collapses to complete the circuit and provides the "click" sound and feel.
4. **Base:** An insulating plastic housing that holds the terminals.
5. **Terminals:** The metal pins that are soldered to the PCB.
---
### 4. Common Applications
Because of its small footprint and reliability, this part is used in:
* **Consumer Electronics:** Remote controls, microwave panels, and calculators.
* **Computer Peripherals:** Reset buttons on motherboards or side buttons on mice.
* **Industrial:** Interface panels for machinery.
* **Prototyping:** Frequently used on breadboards for Arduino or Raspberry Pi projects.
---
- ⤷
What is the exact physical dimension (footprint) of the 10TS-7B6-R?
- ⤷ Is the 10TS-7B6-R available in a sealed (waterproof) version?
- ⤷ What is the mechanical life expectancy (actuation cycles) for this switch?