AI

The **10TS-7D0-R** typically refers to a high-precision **NTC (Negative Temperature Coefficient) Thermistor**. These components are widely used in temperature sensing, compensation, and control applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (such as Thinking Electronic or similar specialized thermal component brands).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | NTC Thermistor |
| **Resistance at 25°C** | 10k Ohms (indicated by "10") |
| **Tolerance** | ±0.5% to ±1% (High precision) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Through-hole / Lead-type |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
### 2. Physical Characteristics
* **Epoxy Coating:** The "7D0" segment often refers to the disk size (e.g., 7mm diameter) and the protective epoxy resin coating which provides environmental insulation.
* **Leads:** Tin-plated copper wires for soldering onto PCBs.
* **Small Form Factor:** Designed for space-constrained electronics.
---
### 3. Functional Principle
As an **NTC** device, the electrical resistance of the 10TS-7D0-R **decreases** as the surrounding temperature **increases**.
#### Resistance-Temperature Curve Example:
```python
# Conceptual Python representation of the NTC curve
import math
def calculate_resistance(temp_c, r25, beta):
temp_k = temp_c + 273.15
# Steinhart-Hart simplified Beta equation
resistance = r25 * math.exp(beta * (1/temp_k - 1/298.15))
return resistance
# At 25C, Resistance = 10,000 Ohms
# At 100C, Resistance significantly drops (e.g., to ~600-900 Ohms)
```
---
### 4. Common Applications
* **Battery Packs:** Monitoring cell temperature during charging/discharging cycles.
* **HVAC Systems:** Air and liquid temperature sensing.
* **Power Supplies:** Thermal protection to prevent overheating of transistors and transformers.
* **Home Appliances:** Coffee makers, ovens, and refrigerators.
---
### 5. Circuit Integration
The 10TS-7D0-R is most commonly used in a **Voltage Divider** circuit. The output voltage is measured by a Microcontroller (MCU) via an Analog-to-Digital Converter (ADC) to calculate the temperature.
1. Connect one end to **VCC (5V/3.3V)**.
2. Connect the other end to an **ADC Pin** and a **Fixed Resistor** (usually 10k) going to **Ground**.
3. The voltage at the ADC pin changes linearly (within small ranges) with temperature.
- ⤷What is the B-constant value for the 10TS-7D0-R?
- ⤷ How do I calculate the temperature from the resistance value in C code?
- ⤷ What is the difference between an NTC and a PTC thermistor?