10TS-8G0-R
AI

The part number **10TS-8G0-R** typically refers to a high-quality **Surface Mount (SMD) Tactile Switch**, often manufactured by companies like **CIT Relay & Switch**. These components are fundamental in human-interface electronics.
---
### 1. Technical Specifications
Below are the general technical parameters for the 10TS series:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuator Height** | ~0.8mm (Low Profile) |
| **Operating Force** | 160gf or 260gf (Standard variants) |
| **Contact Rating** | 50mA @ 12VDC |
| **Life Cycle** | Up to 100,000 cycles |
| **Termination** | Gullwing leads |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps in identifying specific features:
* **10TS**: The base series identifier (usually ultra-miniature tactile switches).
* **8G0**: Specifically refers to the actuator height and the "Gullwing" lead configuration for SMT mounting.
* **-R**: Indicates the packaging format, usually **RoHS Compliant** and provided in **Tape & Reel** for automated pick-and-place assembly.
---
### 3. Internal Construction & Materials
The switch is composed of four primary layers:
1. **Actuator:** The physical button pressed by the user (typically nylon or stainless steel).
2. **Cover:** A metal shield that protects the internal dome.
3. **Contact Dome:** A stainless steel or phosphor bronze disc that provides the "click" feel and completes the electrical circuit.
4. **Base/Housing:** High-temperature plastic (LCP) capable of withstanding lead-free reflow soldering.
---
### 4. Common Applications
Due to its small footprint and reliability, this part is found in:
* **Consumer Electronics:** Smartphones, wearables, and remote controls.
* **Medical Devices:** Handheld diagnostic tools.
* **Industrial:** Interface panels and reset buttons on PCBs.
---
### 5. Standard Wiring Diagram
Since this is a momentary switch, the electrical logic is simple:
```text
[ Terminal 1 ] ----\ ---- [ Terminal 2 ]
|
(Normally Open)
```
- ⤷
What is the maximum reflow soldering temperature for this switch?
- ⤷ Does this model come in a 'Through-Hole' version?
- ⤷ How does the 'gf' rating affect user experience?