10VF-060-R
AI

The part number **10VF-060-R** typically refers to a **PTC (Positive Temperature Coefficient) Resettable Fuse**, specifically from the **VF series** produced by manufacturers like Polytronics or similar circuit protection brands.
These components are used for overcurrent protection in electronic circuits, acting as a solid-state equivalent to a traditional fuse but with the ability to reset after the fault is cleared.
---
### Technical Specifications
The following table summarizes the key electrical characteristics based on the standard 10VF nomenclature:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | 10VF | Radial Lead (Through-hole) 72V-120V Series |
| **I-hold** | 0.60 A (600mA) | Maximum current the device will hold without tripping |
| **I-trip** | 1.20 A | Minimum current at which the device will always trip |
| **V-max** | 72V - 120V | Maximum voltage the device can withstand without damage |
| **I-max** | 40 A | Maximum fault current the device can safely interrupt |
| **R-max** | ~0.65 - 1.00 $\Omega$ | Maximum initial resistance at 23°C |
| **Package** | Radial Lead | Circular or rectangular disc with two wires |
---
### Key Features and Functionality
1. **Resettable Nature:** Unlike one-time fuses, when an overcurrent occurs, the internal polymer heats up and its resistance increases dramatically (tripping). Once the power is removed and the device cools down, it returns to a low-resistance state.
2. **Safety Standard:** The "-R" suffix usually denotes **RoHS Compliance**, meaning the part is free from hazardous substances like lead and cadmium.
3. **Physical Construction:** It consists of a conductive plastic grain mixed with carbon black, sandwiched between two metal electrodes.
4. **Applications:**
* Power supplies and transformers.
* Industrial control systems.
* Automotive electronics.
* Security systems.
---
### Circuit Symbol and Wiring
In a schematic, a PTC resettable fuse is represented by a symbol similar to a resistor with a diagonal line or a "U" shape passing through it.
```text
F1 (10VF-060-R)
-----[ PTC ]-----
(In series with Load)
```
---
- ⤷
What is the difference between I-hold and I-trip for this component?
- ⤷ How does temperature affect the performance of a PTC fuse?
- ⤷ Can this component be used in AC circuits?