Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF-3A0-R

  • AI
    The part number **10VF-3A0-R** typically refers to a high-performance, chassis-mount **EMI/RFI Filter** (Electromagnetic Interference Filter) manufactured by companies like Delta Electronics. These components are essential for suppressing electrical noise in power lines. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics for this specific model: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 115/250 VAC | | **Rated Current** | 10 Amperes | | **Operating Frequency** | 50/60 Hz | | **Leakage Current** | 0.8 mA max @ 250V, 50Hz | | **Mounting Type** | Chassis Mount (Flange) | | **Termination Style** | Faston / Solder Tab (6.3mm) | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Key Features & Construction * **Dual Stage Filtering:** The "VF" series often employs a multi-stage circuit design to provide higher attenuation of noise compared to standard single-stage filters. * **Broadband Suppression:** Designed to mitigate both **Common Mode** (noise between lines and ground) and **Differential Mode** (noise between line and neutral) interference. * **Metal Housing:** Encased in a rugged metal shell that acts as a shield against radiated interference and provides a path to ground. * **RoHS Compliant:** The "-R" suffix generally indicates compliance with RoHS (Restriction of Hazardous Substances) standards. --- ### 3. Application Areas These filters are commonly used in environments where sensitive electronics must be protected from "dirty" power or where a device must meet strict EMC (Electromagnetic Compatibility) regulations: 1. **Industrial Equipment:** Control panels, motor drives, and CNC machinery. 2. **Medical Devices:** High-precision diagnostic equipment requiring low electrical noise. 3. **Computing & Telecom:** Servers, base stations, and high-end power supplies. 4. **Test & Measurement:** Lab instruments where signal integrity is critical. --- ### 4. Typical Internal Circuit Diagram While internal designs vary, the 10VF series generally follows this topology: ```text L o-------[Inductor]-----------o L' | | [Cap] [Cap] | | | GND o--------|-------------o GND | | | [Cap] [Cap] | | N o-------[Inductor]-----------o N' ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 10A model and a 3A or 20A version?
    • ⤷ How do I choose between a single-stage and a dual-stage EMI filter?
    • ⤷ What are the specific attenuation curves for the 10VF-3A0-R?