10VF-4G0-R
AI

The part number **10VF-4G0-R** typically refers to a high-performance **common mode choke** or filter component, often produced by manufacturers like **Chilisin** or **Coilmaster**. These components are essential for electromagnetic interference (EMI) suppression in high-speed data lines.
---
### 1. Key Technical Specifications
The "10VF" series is designed for surface-mount applications where space and noise reduction are critical.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Impedance** | Typically rated at 100MHz (Specific ohms vary by sub-version) |
| **Current Rating** | Designed for low-power signal lines (e.g., 100mA - 500mA) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Package Size** | Usually 0402 or 0603 footprint (check datasheet for exact mm) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Physical Construction
The device is constructed using multilayer ceramic technology or wire-wound ferrite cores to achieve high impedance in a small form factor.
* **Internal Structure:** Two coils wound in opposite directions on a single core.
* **Termination:** Tin-plated electrodes for high-quality soldering.
* **Encapsulation:** Ferrite material which provides magnetic shielding to prevent cross-talk.
---
### 3. Applications and Functions
The primary role of the **10VF-4G0-R** is to filter out noise while allowing the desired signal to pass through.
#### Core Functions:
1. **Common Mode Noise Suppression:** Eliminates unwanted signals that are common to both lines in a differential pair.
2. **Signal Integrity:** Maintains the shape of high-speed digital signals (USB, HDMI, MIPI).
#### Common Uses:
* **Mobile Devices:** Smartphones and tablets to prevent RF interference.
* **Display Interfaces:** LVDS or MIPI D-PHY lines for high-resolution screens.
* **Computer Peripherals:** USB 2.0/3.0 ports and high-speed data interfaces.
---
### 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the nomenclature usually follows this logic:
| Code | Meaning |
| :--- | :--- |
| **10VF** | Series designation (Multilayer Common Mode Filter) |
| **4G0** | Impedance/Specification code (e.g., "4" implies specific frequency curve) |
| **-R** | Lead-free / RoHS Compliant / Tape & Reel packaging |
---
- ⤷What is the exact impedance rating for the 10VF-4G0-R at 100MHz?
- ⤷ What are the recommended soldering temperature profiles for this SMD component?
- ⤷ Can this part be used in automotive-grade environments (AEC-Q200)?