Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF-4W30-R

  • AI
    The part number **10VF-4W30-R** refers to a high-voltage, stackable silicone-molded rectifier diode, typically manufactured by companies like **Voltage Multipliers, Inc. (VMI)**. These components are designed for high-reliability applications requiring high voltage conversion in a small footprint. ### 1. Key Technical Specifications The part number is encoded with specific electrical ratings: | Parameter | Specification | | :--- | :--- | | **Component Type** | High Voltage Rectifier (Axial Lead) | | **Working Peak Reverse Voltage ($V_{RWM}$)** | 10,000 Volts (10kV) | | **Average Rectified Forward Current ($I_{O}$)** | ~30 mA to 50 mA (depending on ambient temp) | | **Reverse Recovery Time ($t_{rr}$)** | Ultra-Fast Recovery (typically 30ns - 100ns) | | **Construction** | Molded Silicone Body, Multi-junction Stack | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Physical & Material Properties * **Encapsulation:** The "VF" series uses a specialized epoxy or silicone molding. This provides high dielectric strength to prevent "arcing" (electrical discharge) across the body of the diode at 10kV. * **Leads:** Typically features silver-plated or tinned copper leads for easy soldering. * **Size:** Compact axial design, allowing for high-density packaging in power supplies. --- ### 3. Common Applications Due to its high voltage rating and fast recovery time, this part is used in specialized circuitry: 1. **X-Ray Power Supplies:** Used in the voltage multiplier stages to generate the high DC potential required for X-ray tubes. 2. **Laser Systems:** Essential for gas laser power supplies and pulse-forming networks. 3. **CRT Displays:** (Legacy/Industrial) Used in high-voltage anodes for specialized monitors. 4. **Air Ionizers:** Used in electrostatic precipitation and air purification systems. 5. **Scientific Equipment:** Mass spectrometers and electron microscopes. --- ### 4. Handling Precautions When working with the **10VF-4W30-R**, engineers must follow specific protocols: * **Creepage & Clearance:** Because the part operates at 10kV, the PCB layout must ensure sufficient distance between traces to prevent surface tracking. * **Potting:** Often, these diodes are "potted" (encapsulated in resin) or submerged in dielectric oil to prevent corona discharge at high altitudes or high humidity. * **Thermal Management:** While 30mA seems low, at high voltages, power dissipation can become an issue if the diode is used in a high-frequency switching environment.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Ultra-Fast Recovery' time in high voltage circuits?
    • ⤷ How do I calculate the creepage distance for a 10kV component on a PCB?
    • ⤷ Are there equivalent alternatives from other manufacturers like Vishay or Semtech?