Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF-4W40-R

  • AI
    The part number **10VF-4W40-R** typically refers to a specialized electronic component, most commonly identified as a **high-voltage feedthrough filter** or a **low-pass EMI filter** manufactured by companies specializing in electromagnetic interference (EMI) suppression (such as Tusonix or similar brands). --- ### 1. Component Identification This part is designed to be mounted through a bulkhead or a chassis wall to allow a signal or power line to pass through while filtering out high-frequency noise. | Attribute | Specification | | :--- | :--- | | **Component Type** | Feedthrough Capacitor / EMI Filter | | **Mounting Style** | Bolt-in / Threaded Case | | **Voltage Rating** | 100V to 400V (depending on series variation) | | **Capacitance** | Typically in the microfarad ($\mu F$) or nanofarad ($nF$) range | | **Termination** | Solderable lead (usually gold or silver plated) | --- ### 2. Technical Breakdown of Parts To understand how this component functions, we look at its physical and electrical construction: * **The Dielectric (Ceramic):** The core of the device is a ceramic tube. This acts as the capacitor dielectric. * **The Metal Shell (Threaded):** The outer body is metal and threaded. When screwed into a grounded chassis, the shell provides the "ground" connection for the capacitor. * **The Center Lead:** A solid conductor that carries the actual current. * **Internal Circuitry:** Most often a "C-type" filter (a single capacitor) or a "Pi-type" filter (C-L-C circuit) to provide steep attenuation of high frequencies. --- ### 3. Key Applications These parts are used where signals must enter a "quiet" zone without bringing interference with them: 1. **RF Shielding:** Used in radio transmitters to prevent high frequencies from escaping the enclosure. 2. **Military/Aerospace:** Used in ruggedized equipment to protect sensitive electronics from external EMP or noise. 3. **Medical Equipment:** Ensuring that power supplies do not interfere with sensitive imaging or monitoring sensors. --- ### 4. Simple Installation Diagram ```markdown [ Signal In ] | ________|________ <-- Chassis Wall (Ground) | [10VF-4W40-R] | |_____ Thread ____| (Conducts noise to ground) | [ Signal Out ] (Cleaned/Filtered) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 10VF-4W40-R?
    • ⤷ How does a feedthrough capacitor differ from a standard ceramic capacitor?
    • ⤷ What are the common thread sizes for this specific filter series?