Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF-630-R

  • AI
    The part number **10VF-630-R** typically refers to a high-voltage, radial-leaded **Metal Oxide Varistor (MOV)** or a specific type of **Film Capacitor**, depending on the manufacturer (most commonly associated with surge protection components). Below is a technical breakdown of the specifications typically represented by this alphanumeric code. --- ### Technical Specifications | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Surge Suppressor / Varistor | MOV | | **Diameter / Size** | 10mm (Disc Diameter) | 10 | | **Series/Type** | VF Series (High Energy) | VF | | **Voltage Rating** | 630V (Peak AC or Varistor Voltage) | 630 | | **RoHS Status** | Compliant (Lead-Free) | -R | | **Mounting Style** | Through-Hole | Radial Leads | --- ### Component Breakdown #### 1. 10 (Size/Diameter) The "10" usually denotes the physical size of the component's body. In the case of varistors, this is a **10mm diameter** disc. Larger diameters generally provide higher energy absorption capabilities (Joules). #### 2. VF (Series) The "VF" prefix often designates a specific manufacturer series. Many manufacturers use "VF" to indicate a **High-Voltage** or **High-Energy** series designed for industrial power supplies or lighting ballasts. #### 3. 630 (Voltage Rating) This is the most critical rating. Depending on the manufacturer's coding system, 630 can mean: * **Varistor Voltage:** The voltage at which the device starts to conduct 1mA of current. * **Working Voltage:** The maximum continuous RMS voltage it can handle (though 630V is high for standard 230V mains, it is common in industrial 480V systems). #### 4. -R (Compliance) The "-R" suffix is the industry standard for **RoHS Compliance**, indicating that the part is manufactured without lead, mercury, or other hazardous substances. --- ### Key Applications Parts like the 10VF-630-R are used for **Circuit Protection**. Their primary functions include: * **Surge Suppression:** Protecting sensitive electronics from voltage spikes caused by lightning or inductive load switching. * **Voltage Clamping:** Shunting excess current to ground when a specific voltage threshold is exceeded. * **Power Supplies:** Found in the input stage (Primary side) of AC/DC converters. --- ### Example Implementation (Schematic View) ```text AC Line (L) ---- [ Fuse ] ----+---- [ 10VF-630-R ] ---- To Load | | AC Neutral (N) ---------------+----------+-------------- To Load ``` *In this setup, if a spike over 630V occurs, the varistor's resistance drops instantly, blowing the fuse and protecting the load.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy absorption (Joules) for a 10mm varistor?
    • ⤷ Can this part be used in 220V AC household appliances?
    • ⤷ What are the common failure modes of a Metal Oxide Varistor?