Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF-D40-R

  • AI
    The part number **10VF-D40-R** generally refers to a specific series of high-performance **Electrolytic Capacitors**, typically associated with automotive or industrial-grade surface mount (SMD) components. Below is a detailed breakdown of the technical specifications and characteristics typically represented by this nomenclature. ### 1. Technical Specifications Based on standard industry coding for aluminum electrolytic capacitors, here is the breakdown of the part characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 40µF (Nominal) | The "40" in the suffix usually denotes the capacitance value. | | **Voltage Rating** | 10V | The "10V" prefix indicates the maximum working DC voltage. | | **Form Factor** | SMD (V-Chip) | The "VF" designation often refers to the vertical chip mounting style. | | **Tolerance** | ±20% | Standard industry tolerance for electrolytic capacitors. | | **Polarity** | Polarized | Must be installed with correct orientation (+/-). | | **RoHS Status** | Compliant | The "-R" suffix typically indicates RoHS (Restriction of Hazardous Substances) compliance. | --- ### 2. Physical & Material Composition These components are designed for high-density PCB layouts where space is limited but high capacitance is required. * **Electrolyte:** Liquid or semi-liquid conductive medium within an aluminum can. * **Case Style:** Aluminum "V-Chip" (Vertical Chip) with a plastic base plate for stability during reflow soldering. * **Terminals:** Surface mount leads designed for automated SMT (Surface Mount Technology) assembly. --- ### 3. Key Applications Parts with these specifications are commonly found in: 1. **Power Management:** Filtering noise in low-voltage DC-DC converters. 2. **Automotive Electronics:** Used in infotainment systems or body control modules (if rated for high temperatures). 3. **Consumer Electronics:** Decoupling capacitors in compact devices like routers or small appliances. --- ### 4. Handling & Soldering (Reference Code) When integrating these into a design, specific reflow profiles must be followed to avoid damaging the electrolyte. ```cpp // Thermal Design Considerations float max_reflow_temp = 260.0; // Degrees Celsius int dwell_time_seconds = 10; // At peak temperature if (actual_temp > max_reflow_temp) { report_error("Thermal damage risk: Electrolyte expansion"); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the dimensions (case size) for the 10VF-D40-R?
    • ⤷ Is there a high-temperature version (105°C or 125°C) for this part?
    • ⤷ What is the typical ESR (Equivalent Series Resistance) for this capacitor?