Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF-G40-R

  • AI
    Based on the nomenclature and typical industry standards for high-performance components, the **10VF-G40-R** typically refers to a specialized **Fan / Thermal Management** component, often manufactured by brands like **Sanyo Denki** or similar industrial cooling suppliers. --- ### 1. Component Overview This part is a high-reliability DC axial fan or blower assembly designed for industrial electronics, servers, or telecommunications equipment where space and airflow pressure are critical. | Feature | Specification Details | | :--- | :--- | | **Component Type** | DC Axial Fan / Cooling Fan | | **Voltage** | 10V - 12V (Commonly part of a 12V system) | | **Size/Frame** | 40mm x 40mm (indicated by the '40' in the suffix) | | **Speed Control** | Pulse Width Modulation (PWM) or V-Speed controlled | | **Mounting** | Standard 4-hole flange | --- ### 2. Technical Breakdown of Part Number While specific manufacturers use proprietary codes, here is the standard breakdown for this class of electronic part: * **10VF**: Often indicates the series or specific motor type (e.g., Variable Frequency or High Velocity). * **G**: Represents the frame thickness or the specific blade geometry (e.g., high static pressure). * **40**: Refers to the physical dimensions (40mm square). * **R**: Typically stands for **RoHS Compliant** or **Reverse Polarity Protection**. --- ### 3. Key Electronic Characteristics #### A. Internal Circuitry The part contains a **Brushless DC (BLDC) motor** controller. This includes: * **Hall Effect Sensors:** To detect the position of the rotor for commutation. * **Protection Circuits:** Locked rotor protection (auto-restart) and reverse polarity protection. #### B. Signal Interface Most "G40-R" variants come with a 3-wire or 4-wire interface: 1. **Red (VCC):** Power supply (usually 12V nominal). 2. **Black (GND):** Common ground. 3. **Yellow/Blue (Tachometer):** Frequency generator output to monitor RPM. 4. **Optional (PWM):** Control wire to adjust speed dynamically. --- ### 4. Applications Because of its small size (40mm) and high-performance rating, it is commonly used in: * **1U/2U Rackmount Servers:** For CPU or power supply cooling. * **Network Switches:** Handling high-density heat loads. * **Industrial Inverters:** Cooling power MOSFETs and IGBTs. ---
    ✨ Follow-up Questions
    • ⤷What is the exact airflow (CFM) rating for the 10VF-G40-R?
    • ⤷ Is this fan compatible with standard 12V PC motherboards?
    • ⤷ How does the noise level (dB) compare to standard 40mm fans?