10VF-G50-R
AI

The part number **10VF-G50-R** typically refers to a specific series of **Metal Oxide Varistors (MOV)** or specialized electronic components used for overvoltage protection. While various manufacturers use similar naming conventions, this specific configuration is common in the circuit protection industry.
### 1. Component Overview
The 10VF-G50-R is a voltage-dependent resistor designed to protect sensitive electronic circuits from high-voltage transients (surges) caused by lightning, inductive load switching, or electrostatic discharge (ESD).
---
### 2. Technical Specifications Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code Segment | Description | Typical Meaning |
| :--- | :--- | :--- |
| **10** | **Disc Diameter** | Indicates a 10mm diameter ceramic disc. |
| **VF** | **Series/Type** | Represents a High-Voltage or "Fast" Varistor series. |
| **G** | **Lead Style** | Often denotes "Gull-wing" or specific lead forming (straight or crimped). |
| **50** | **Voltage Rating** | Represents the Varistor Voltage (often 50V or related to 500V depending on manufacturer scale). |
| **R** | **RoHS/Compliance** | Indicates the part is RoHS compliant (Lead-free). |
---
### 3. Key Electronic Functions
Varistors function by changing their resistance based on the applied voltage:
* **Normal State:** At standard operating voltages, the device has a very high resistance (acts like an open circuit).
* **Surge Event:** When a voltage spike exceeds the clamping threshold, the resistance drops instantly, diverting the excess current to ground.
* **Recovery:** Once the surge passes, the device returns to its high-resistance state.
---
### 4. Typical Applications
These parts are commonly found in the following areas:
1. **Power Supplies:** Protecting the AC or DC input stages of switched-mode power supplies (SMPS).
2. **Consumer Electronics:** Used in chargers, TVs, and home appliances to prevent damage from power grid fluctuations.
3. **Industrial Controls:** Protecting PLCs and relay contacts from inductive kickback.
4. **Telecommunications:** Guarding signal lines against atmospheric surges.
---
### 5. Implementation Schematic
When integrating this part into a circuit, it is usually placed in parallel with the load it is protecting:
```text
Input (+) ----+-----------+---- Load
| |
[MOV] [Load]
| |
Input (-) ----+-----------+---- Ground
```
- ⤷
What are the maximum energy absorption ratings for this 10mm varistor?
- ⤷ How do I choose between a 10VF and a 14VF series varistor?
- ⤷ Can this component be used for both AC and DC circuit protection?