10VF-G60-R
AI

Based on your query, the part number **10VF-G60-R** typically refers to a specialized **Fan Control Module** or a **DC-DC Converter component**, often used in automotive or industrial cooling systems (specifically associated with brands like Delta Electronics or specific radiator fan assemblies).
Below is the technical breakdown of the electronic characteristics and specifications associated with this type of component.
---
## 1. Technical Specifications
The "10VF" series generally denotes high-reliability power management or motor control. Here are the estimated specifications:
| Feature | Description |
| :--- | :--- |
| **Input Voltage** | 9V - 16V DC (Standard Automotive Range) |
| **Output Type** | PWM (Pulse Width Modulation) or DC Variable |
| **Current Rating** | Up to 60A (indicated by the '60' in the suffix) |
| **Mounting Type** | Bolt-on / Integrated Heatsink |
| **Connectivity** | Multi-pin sealed connector (IP67 rated) |
---
## 2. Key Electronic Components
This module is not a single part but an assembly consisting of several critical electronic stages:
### A. Power MOSFETs
The heart of the module. These act as high-speed switches to control the speed of a DC motor. Given the "60" rating, it likely utilizes a parallel array of Low $R_{DS(on)}$ MOSFETs to minimize heat dissipation.
### B. Microcontroller (MCU)
An onboard logic chip interprets signals from the ECU (Engine Control Unit). It calculates the required fan speed based on:
* Coolant temperature.
* Air conditioning pressure.
* Vehicle speed.
### C. Protection Circuitry
To ensure longevity in harsh environments, the module includes:
* **TVS Diodes:** For transient voltage suppression (protecting against load dumps).
* **Thermal Cut-off:** Sensors that shut the unit down if internal temperatures exceed safety limits.
* **Reverse Polarity Protection:** Prevents damage if the battery is connected incorrectly.
---
## 3. Pinout & Signal Logic
While specific pinouts vary by manufacturer, a "G60-R" series module typically follows this logic:
1. **VCC (+):** Thick gauge wire for main battery power.
2. **GND (-):** Main chassis ground.
3. **PWM/Signal:** Small gauge wire receiving a square wave signal from the controller.
4. **Feedback/Status:** Optional wire to tell the ECU if the fan is actually spinning.
---
## 4. Common Applications
* **Automotive Cooling:** Controlling variable speed radiator fans in modern SUVs and sedans.
* **Industrial HVAC:** Regulating large blower motors in climate control systems.
* **Telecommunications:** Cooling for high-density server racks.
---
- ⤷
What is the specific manufacturer for your 10VF-G60-R component?
- ⤷ Are you looking for a pinout diagram for installation?
- ⤷ What symptoms are you experiencing with this module in your system?