10VF2-000-R
AI

The part number **10VF2-000-R** typically refers to a specific series of **V-Chip Aluminum Electrolytic Capacitors**, often manufactured by companies like **Lelon Electronics** or similar passive component specialists.
Below is a breakdown of the technical specifications and characteristics associated with this part.
---
## 1. Technical Specifications
This component is an electrolytic capacitor designed for surface-mount technology (SMT).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Capacitance** | 100 µF (Typical for this series code) |
| **Voltage Rating** | 10V DC |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Tolerance** | ±20% |
| **Operating Temperature** | -40°C to +85°C (or +105°C depending on suffix) |
| **RoHS Status** | Compliant (Indicated by the "-R") |
| **Case Size** | Usually 4.0mm to 6.3mm diameter |
---
## 2. Part Number Breakdown
While manufacturer coding can vary slightly, the "10VF2-000-R" structure generally follows this logic:
* **10**: Represents the **Voltage Rating** (10 Volts).
* **VF**: Represents the **Series Category**. "VF" often denotes a standard or low-impedance V-chip (Vertical Chip) electrolytic capacitor.
* **2-000**: This is often a placeholder for capacitance and specific dimensions. In many systems, "2" indicates the number of zeros following a base value, or it acts as a size code.
* **-R**: Indicates **RoHS Compliance** (Lead-free) and usually signifies that the parts are provided on **Tape and Reel** for automated assembly.
---
## 3. Key Applications
Because these capacitors are compact and surface-mountable, they are used in high-density electronic circuits:
1. **Consumer Electronics:** Used in motherboards, tablets, and digital cameras for power smoothing.
2. **Power Supplies:** Acts as a filter for DC-DC converters to reduce voltage ripple.
3. **Telecommunications:** Integrated into modems and routers due to the small footprint.
4. **Automotive (Non-Safety):** Found in infotainment systems and dashboard displays.
---
## 4. Handling and Soldering
As a **V-Chip** component, this part is designed for **Reflow Soldering**.
* **Polarity:** These are polarized components. The top of the aluminum can will have a black or colored marking indicating the **Negative (-)** terminal.
* **Shelf Life:** Electrolytic capacitors have a limited shelf life. If stored for more than 1-2 years without use, the dielectric layer may degrade, requiring a "re-forming" process.
---
- ⤷
What is the exact capacitance value for the 10VF2-000-R model?
- ⤷ Can this capacitor be used in high-temperature automotive environments?
- ⤷ What are the physical dimensions (Diameter x Height) of this part?