10VF2-020-R
AI

The **10VF2-020-R** is a specific type of electronic component, typically categorized as a **Single-Phase Power Line Filter** (also known as an EMI/RFI filter). These components are critical in electronics for suppressing electromagnetic interference between the power line and the equipment.
### 1. General Specifications
The part number usually follows a specific nomenclature common in the filter industry (often associated with brands like TE Connectivity / Corcom or similar manufacturers).
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | EMI / RFI Power Line Filter |
| **Phase** | Single Phase |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 120 / 250 VAC |
| **Operating Frequency** | 50/60 Hz |
| **Mounting Style** | Flange Mount / Bolt-on |
| **Termination Style** | Faston (Spade) terminals or Wire Leads |
---
### 2. Key Internal Components
An EMI filter like the 10VF2-020-R is a passive network consisting of several internal parts:
* **Inductors (Chokes):** Used to block high-frequency noise while allowing the 50/60Hz power frequency to pass.
* **X-Capacitors:** Connected across the line (Line-to-Neutral) to suppress differential mode interference.
* **Y-Capacitors:** Connected from the line/neutral to the ground to suppress common-mode interference.
* **Bleeder Resistor:** Often included to discharge the capacitors safely once power is removed.
---
### 3. Applications
These filters are used to ensure devices meet EMC (Electromagnetic Compatibility) regulations such as FCC or CE standards. Common applications include:
1. **Industrial Equipment:** Controlling noise in motor drives and power supplies.
2. **Medical Devices:** Reducing leakage current and protecting sensitive sensors.
3. **Computing:** Server power supplies and networking hardware.
4. **Home Appliances:** Preventing interference with radio and TV signals.
---
### 4. Technical Performance (Typical)
Most "VF" series filters are designed for **high attenuation** performance, particularly in the lower frequency ranges (10kHz to 30MHz).
```text
Input (L/N/G) ----> [ EMI Filter Circuit ] ----> Output (Load)
|
[Ground]
```
* **Insertion Loss:** This part is designed to provide significant decibel (dB) reduction of noise.
* **Leakage Current:** Usually kept low to ensure safety in case of ground failure.
---
- ⤷What is the difference between differential mode and common mode noise in these filters?
- ⤷ How do I calculate the maximum power load for a 10A filter at 230V?
- ⤷ What are the specific mounting dimensions for the VF series housing?