10VF2-060-R
AI

The **10VF2-060-R** is a specific type of electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-frequency power choke, often used in telecommunications and power conversion applications.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Technical Specifications
While naming conventions can vary slightly between manufacturers, the part number generally breaks down into these key parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Inductor | Used for energy storage and filtering. |
| **Inductance Value** | ~6.0 µH | Based on the "060" designator (often $60 \times 10^{-1}$). |
| **Tolerance** | ±10% to ±20% | Typical industry standard for power inductors. |
| **Mounting Type** | SMD/SMT | Designed for automated PCB surface mounting. |
| **RoHS Status** | Compliant (R) | The "R" suffix usually denotes Lead-Free/RoHS compliance. |
---
### 2. Key Features
* **High Current Capability:** Designed to handle significant DC currents without saturating the magnetic core.
* **Low DC Resistance (DCR):** Minimizes power loss and heat generation during operation.
* **Shielded Construction:** Most "VF" series parts are magnetically shielded to reduce Electromagnetic Interference (EMI) with neighboring components.
* **Compact Footprint:** Engineered for high-density circuit board layouts.
---
### 3. Common Applications
The 10VF2-060-R is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Acting as the energy storage element in buck (step-down) or boost (step-up) regulators.
2. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to stabilize voltage.
3. **Noise Filtering:** Suppressing high-frequency noise in power supply lines for telecommunications equipment.
4. **Battery Powered Devices:** Due to its efficiency and small size.
---
### 4. Physical Characteristics
* **Core Material:** Usually Ferrite or Composite Iron Powder.
* **Terminations:** Matte Tin over Nickel plating to ensure high solderability.
* **Packaging:** Typically supplied on **Tape and Reel** for use with Pick-and-Place machinery.
---
- ⤷
Who is the primary manufacturer of the 10VF2-060-R series?
- ⤷ What are the specific dimensions/footprint of this inductor?
- ⤷ What is the maximum current rating (Imax) for this specific part?