Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF2-0A0-R

  • AI
    The part number **10VF2-0A0-R** typically refers to a high-performance **EMI (Electromagnetic Interference) Filter**, specifically within the **VF Series** manufactured by companies like **TE Connectivity (Corcom)** or similar power component specialists. These components are designed to suppress conducted noise on power lines to ensure electronic devices meet electromagnetic compatibility (EMC) standards. ### Technical Specifications Below is a breakdown of the typical specifications for this component: | Parameter | Specification | | :--- | :--- | | **Part Series** | VF Series | | **Current Rating** | 10 Amperes | | **Voltage Rating** | 250 VAC (Max) | | **Operating Frequency** | 50/60 Hz | | **Mounting Type** | Flange Mount / Chassis Mount | | **Termination Style** | Faston Terminals (typically 0.250") | | **Phase** | Single Phase | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### Key Features and Construction 1. **Dual Stage Design**: The "VF" series often employs a multi-stage circuit design. This provides higher attenuation (noise reduction) compared to single-stage filters, making it effective for sensitive equipment. 2. **High Insertion Loss**: It is engineered to handle both **Common Mode** (noise between line/neutral and ground) and **Differential Mode** (noise between line and neutral) interference. 3. **Metal Housing**: The component is encased in a metal "can" or housing. This acts as a shield to prevent the filter itself from radiating noise and provides a solid ground path. 4. **ROHS Compliance**: The suffix **-R** confirms that the part is manufactured using lead-free processes and materials, adhering to environmental regulations. --- ### Common Applications The 10VF2-0A0-R is commonly found in industrial and commercial environments where electrical noise can disrupt performance: * **Switch Mode Power Supplies (SMPS):** To prevent high-frequency switching noise from leaking back into the power grid. * **Industrial Controls:** Protecting PLCs and sensitive sensors from factory floor noise. * **Medical Equipment:** Ensuring diagnostic tools remain accurate and free from electrical interference. * **Telecommunications:** Maintaining signal integrity in data centers. --- ### Internal Schematic (Simplified) While specific internal values vary, the circuit typically consists of: * **Inductors (Chokes):** To block high-frequency AC. * **Y-Capacitors:** Connected from line/neutral to ground (handles Common Mode). * **X-Capacitors:** Connected across the lines (handles Differential Mode).
    ✨ Follow-up Questions
    • ⤷ What is the difference between single-stage and dual-stage EMI filters?
    • ⤷ How do I calculate the required current rating for an EMI filter in my circuit?
    • ⤷ What are 'Faston' terminals and are there alternative connection types for this part?