Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF2-0FW0-R

  • AI
    The part number **10VF2-0FW0-R** typically refers to a specialized electronic component, often associated with high-precision **SMD (Surface Mount Device) Resistors** or specific **Inductors/Filters**, depending on the manufacturer (commonly associated with brands like **Viking Tech** or specific industrial suppliers). Below is a detailed breakdown of the technical characteristics generally represented by this nomenclature. ### 1. Component Overview Based on standard industry coding for precision thin-film components: | Feature | Specification | | :--- | :--- | | **Component Type** | Precision Thin Film Resistor / Inductor | | **Package Size** | 0402 or 0603 (Inches) - Variant specific | | **Tolerance** | High Precision (often ±0.01% to ±0.5%) | | **Termination** | Lead-Free (RoHS Compliant) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Part Number Breakdown (Logic) While specific manufacturers vary, the alphanumeric code usually follows this logic: * **10V**: Often denotes the series or voltage rating (e.g., a specific thin-film series designed for stability). * **F2**: Refers to the **Temperature Coefficient of Resistance (TCR)**. Usually, "F" indicates a very low ppm/°C (e.g., ±10ppm or ±25ppm), ensuring the part does not change value as it heats up. * **0FW0**: This is typically the **Value Code**. In many systems, "0" followed by "W" suggests a specific ohmic value or a bridge/jumper setting with high precision. * **-R**: Indicates **Tape & Reel** packaging, used for automated pick-and-place assembly machines. --- ### 3. Key Technical Applications These parts are engineered for environments where standard components would fail due to drift or noise. 1. **Medical Instrumentation:** Used in sensors where signal integrity is critical. 2. **Telecommunications:** Employed in base stations and high-frequency transmission modules. 3. **Industrial Controls:** Used in PLC (Programmable Logic Controller) analog input circuits. 4. **Automotive Electronics:** Integrated into ECU (Engine Control Unit) monitoring systems. --- ### 4. Environmental & Compliance Standard "R" suffix parts usually adhere to the following environmental standards: ```json { "compliance": "RoHS 3 (2015/863/EU)", "halogen_free": "Yes", "operating_temp": "-55°C to +155°C", "moisture_sensitivity": "MSL 1" } ``` --- ### 5. Identification Check If you are looking at this part on a PCB, ensure you verify the **Manufacturer's Logo**. Most commonly, this specific string aligns with **Viking Tech Corporation's** thin-film precision resistors.
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the 10VF2 series?
    • ⤷ What is the exact resistance value of the 0FW0 code?
    • ⤷ Are there automotive-grade equivalents (AEC-Q200) for this part?