10VF2-0G0-R
AI

The part number **10VF2-0G0-R** typically refers to a **Power Line Filter** (EMI/RFI Filter), specifically manufactured by brands like **Delta Electronics**. These components are critical for suppressing electromagnetic interference in electronic equipment.
### 1. Component Overview
This part is a general-purpose, single-phase AC power line filter. Its primary function is to protect sensitive electronics from noise on the power lines and to prevent the device itself from broadcasting noise back into the main grid.
### 2. Technical Specifications
Below are the typical specifications associated with this series:
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | 115 / 250 VAC |
| **Rated Current** | 10 Amperes |
| **Operating Frequency** | 50 / 60 Hz |
| **Leakage Current** | ~0.45 mA (at 250V) |
| **Termination Style** | Fast-on / Solder Lug (typical for 'F' series) |
| **Mounting Type** | Flange Mount / Panel Mount |
| **Operating Temperature** | -25°C to +85°C |
---
### 3. Key Features
* **EMI/RFI Suppression:** Effectively filters both common-mode and differential-mode noise.
* **Compact Design:** Designed for space-constrained industrial and consumer applications.
* **Safety Approvals:** Usually carries certifications such as UL, CSA, and VDE.
* **RoHS Compliant:** Indicated by the **-R** suffix in the part number.
### 4. Typical Applications
These filters are widely used in devices that require stable power and regulatory compliance regarding electromagnetic emissions:
* **Industrial Automation:** Control systems and PLCs.
* **Medical Equipment:** Sensitive diagnostic tools.
* **Office Electronics:** Photocopiers, printers, and computers.
* **Consumer Appliances:** High-end audio systems or power supplies.
### 5. Part Number Breakdown (Typical)
| Code | Meaning |
| :--- | :--- |
| **10** | Rated current (10 Amps) |
| **VF** | Series designation (Standard performance) |
| **2** | Case style / Mounting configuration |
| **0G0** | Internal circuit configuration (Capacitance/Inductance values) |
| **-R** | RoHS Compliant |
---
- ⤷
What is the difference between common-mode and differential-mode noise in EMI filters?
- ⤷ How do I calculate the appropriate current rating for a power line filter?
- ⤷ Can this filter be used for DC power applications?