10VF2-300-R
AI

The part number **10VF2-300-R** typically refers to a high-performance **Power Line Filter** (EMI/RFI Filter), commonly manufactured by companies like TE Connectivity (Corcom) or similar industrial electronics suppliers.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
This component is designed to suppress electromagnetic interference (EMI) on power lines, protecting sensitive electronics from noise and ensuring compliance with electromagnetic compatibility (EMC) standards.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | EMI/RFI Power Line Filter |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 250 VAC (Standard) / Up to 300 VDC (Application specific) |
| **Operating Frequency** | 50/60 Hz |
| **Mounting Style** | Flange Mount / Chassis Mount |
| **Termination** | Usually Faston terminals or Wire leads |
---
### 2. Part Number Deciphering
While nomenclature can vary slightly by manufacturer, the code generally follows this logic:
* **10**: Represents the **Current Rating** (10 Amps).
* **VF**: Refers to the **Series** (The "VF" series is often high-performance, designed for industrial or medical switching power supplies).
* **2**: Often indicates the **Circuit Configuration** (e.g., dual-stage filtering for higher attenuation).
* **300**: Refers to the maximum **Voltage Rating** or a specific impedance characteristic.
* **R**: Typically signifies **RoHS Compliance** (Lead-free).
---
### 3. Key Electronic Functions
The 10VF2-300-R utilizes a combination of passive components to clean the electrical signal:
1. **Inductors (Chokes):** Blocks high-frequency AC (noise) while allowing low-frequency power to pass.
2. **X-Capacitors:** Connected across the line to suppress "Differential Mode" noise (noise between line and neutral).
3. **Y-Capacitors:** Connected from line/neutral to ground to suppress "Common Mode" noise.
4. **Resistors:** Usually includes a "Bleeder Resistor" to discharge capacitors safely when power is disconnected.
---
### 4. Typical Applications
This specific filter is used in environments where high-frequency switching noise is a concern:
* **Industrial Automation:** CNC machines and PLC controllers.
* **Switching Power Supplies (SMPS):** Reducing ripples sent back to the grid.
* **Medical Equipment:** Ensuring low leakage current and high signal integrity.
* **Telecommunications:** Protecting data lines from power grid interference.
---
- ⤷
What is the insertion loss rating for the 10VF2-300-R at high frequencies?
- ⤷ Can this filter be used in medical applications requiring low leakage current?
- ⤷ What are the physical dimensions and mounting hole spacing for this part?