AI

The part number **10VF2-35W0-R** typically refers to a high-frequency **Surface Mount (SMT) Inductor** or a specialized magnetic component, often associated with manufacturers like *Coilcraft* or similar power electronic specialty brands.
Below is a breakdown of the technical specifications and characteristics commonly associated with this series of components.
---
## 1. Component Identification
| Category | Specification Details |
| :--- | :--- |
| **Component Type** | Fixed Inductor / RF Choke |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Common Applications** | RF Circuits, Power Supplies, Filtering, Impedance Matching |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## 2. Technical Specifications
While exact values can vary by manufacturer, parts in this numbering scheme generally follow these parameters:
### Electrical Properties
* **Inductance Value:** Typically indicated by the middle digits (e.g., 35 may represent 3.5µH or a specific code for 35nH depending on the multiplier).
* **Current Rating:** Designed to handle moderate to high currents for its size (often ranging from 500mA to 2A).
* **DC Resistance (DCR):** Optimized to be as low as possible to minimize power loss and heat generation.
* **Self-Resonant Frequency (SRF):** High SRF, making it suitable for high-frequency signal integrity.
### Physical Attributes
* **Core Material:** Usually Ferrite or Ceramic, depending on whether the priority is high inductance (Ferrite) or high-frequency stability (Ceramic).
* **Termination:** Matte Tin over Nickel over Silver-Palladium-Glass frit.
---
## 3. Part Number Decoder (Typical)
The alphanumeric string can be broken down as follows:
1. **10VF:** The series identifier (defines the physical size and core architecture).
2. **2:** Likely a tolerance code (e.g., G=2%, J=5%).
3. **35W0:** The value code. "35" is the significant digit, and "W0" represents the multiplier or a specific winding configuration.
4. **-R:** Indicates **RoHS compliance** and often signifies that the part is supplied on a **Tape and Reel** for automated assembly.
---
## 4. Common Applications
* **Telecommunications:** Base stations and handheld radio equipment.
* **Consumer Electronics:** High-speed data lines and EMI suppression.
* **Automotive:** Infotainment systems and sensor data filtering.
---
- ⤷
What is the exact inductance value for the 35W0 code?
- ⤷ Can this part be used in automotive Grade 1 environments?
- ⤷ What are the recommended footprint dimensions for PCB layout?