Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF2-430-R

  • AI
    The part number **10VF2-430-R** generally refers to a specific series of **Metal Oxide Varistors (MOV)**, often manufactured by companies like Littelfuse or specialized power component distributors. These components are designed to protect electronic circuits from high-voltage transients (surges). --- ## Technical Specifications Based on the nomenclature typical for this component series, the technical breakdown is as follows: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Varistor (MOV) | Voltage-dependent resistor. | | **Disc Diameter** | 10mm | The physical size of the ceramic disc. | | **Varistor Voltage** | 430V | The voltage at which the device starts conducting. | | **Max AC Voltage** | ~275V RMS | Continuous operating voltage limit (AC). | | **Max DC Voltage** | ~350V | Continuous operating voltage limit (DC). | | **Packaging** | -R (RoHS) | Indicates compliance with Lead-Free standards. | --- ## Key Functions and Features ### 1. Overvoltage Protection The primary role of the 10VF2-430-R is to act as a "pressure relief valve" for electricity. When a voltage spike (like a lightning strike or inductive load switching) occurs, the resistance of the varistor drops instantly, shunting the excess current to the ground and protecting sensitive downstream components. ### 2. Fast Response Time These components react to transients in less than **25 nanoseconds**, making them highly effective against rapid atmospheric surges. ### 3. Energy Absorption The "10mm" disc size determines the amount of energy (measured in Joules) the part can absorb before failing. A 10mm 430V varistor typically handles between **40 to 60 Joules**. --- ## Common Applications * **Power Supplies:** Used at the AC input stage to prevent damage from grid fluctuations. * **Consumer Electronics:** Found in TVs, chargers, and household appliances. * **Industrial Equipment:** Protection for motor controllers and PLC power inputs. * **LED Drivers:** Protecting lighting systems from surges on the line side. --- ## Circuit Implementation In a typical circuit, the varistor is placed **in parallel** with the load it is protecting, usually after a fuse. ```text [Line] ----[Fuse]----+----[Load]---- [Neutral] | [10VF2-430-R] | [Neutral] -----------+----------------------- ``` *Note: If a major surge occurs, the varistor will short-circuit to protect the load, which should ideally blow the upstream fuse.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this specific 10mm varistor?
    • ⤷ How does the '430V' rating differ from the maximum continuous operating voltage?
    • ⤷ What are the common failure modes of a varistor when it exceeds its energy rating?