Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF2-4G0-R

  • AI
    The part number **10VF2-4G0-R** typically refers to a high-density, multi-layer **Electromagnetic Interference (EMI) Filter** or a specific type of **Feedthrough Capacitor** array, often manufactured by companies like Murata or similar electronic component specialists. These components are designed to suppress high-frequency noise in electronic circuits while allowing DC or low-frequency signals to pass through. --- ### Technical Specifications and Breakdown Based on standard nomenclature for this series, here is the technical breakdown: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | EMI Filter / Feedthrough Capacitor | | **Capacitance** | 4.0 pF to 22,000 pF (Variable by sub-series) | | **Rated Voltage** | 10V - 25V DC | | **Rated Current** | 2A - 6A (Application dependent) | | **Configuration** | Pi-type (C-L-C) or C-type filter | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Tape & Reel (indicated by "-R") | ### Key Features 1. **Noise Suppression**: Effectively filters out electromagnetic interference in high-speed data lines or power lines. 2. **Compact Form Factor**: Designed for high-density PCB layouts where space is at a premium (e.g., smartphones, tablets). 3. **Low Insertion Loss**: Ensures that the integrity of the desired signal is maintained while noise is shunted to ground. 4. **RoHS Compliant**: The "-R" suffix often denotes compliance with environmental standards and specific reel packaging. --- ### Common Applications These parts are integrated into circuits that require "clean" signals. Typical use cases include: * **Mobile Devices**: Filtering noise from LCD data lines or camera modules. * **Computing**: Reducing high-frequency switching noise in CPUs and GPU power rails. * **Automotive Electronics**: Protecting sensitive sensors from engine-induced electrical noise. * **Telecommunications**: Preventing signal interference in base stations and RF modules. ### Internal Structure (Typical Filter) Most parts in this category utilize a multi-layer ceramic construction. For a Pi-type filter: 1. **Input Capacitor**: Shunts high-frequency noise to ground. 2. **Series Inductor/Ferrite**: Provides high impedance to block noise. 3. **Output Capacitor**: Further cleans the signal before it reaches the load.
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the 4G0 variant?
    • ⤷ Is this component suitable for high-speed data lines like USB 3.0?
    • ⤷ What are the recommended soldering profiles for this SMD part?