Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF2-510-R

  • AI
    The **10VF2-510-R** is a specific type of electronic component, primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. It is widely used in power management circuits to store energy in a magnetic field and filter high-frequency noise. --- ### 1. Component Specifications Based on standard industry naming conventions for this series, here are the technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 51.0 µH | The nominal inductance value (indicated by "510"). | | **Tolerance** | ±20% (Typical) | The allowable deviation from the nominal inductance. | | **Type** | Shielded Power Inductor | Contains magnetic shielding to prevent EMI interference. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **RoHS Status** | Compliant (-R) | The "-R" suffix typically denotes Lead-Free/RoHS compliance. | --- ### 2. Breakdown of the Part Number The part number can be decoded as follows: * **10V**: Refers to the physical series/size (often related to the height or footprint of the package). * **F2**: Refers to the core material or internal construction technology. * **510**: The value code. `51` is the significant digit, and `0` is the multiplier (10^0). Thus, 51.0 µH. * **R**: Indicates RoHS (Restriction of Hazardous Substances) compliance. --- ### 3. Key Applications This component is typically found in the following electronic environments: 1. **DC-DC Converters:** Used as an energy storage element in buck or boost regulators. 2. **Voltage Regulator Modules (VRMs):** Common in laptops and desktop motherboards. 3. **EMI Filtering:** Smoothing out ripples in power lines to protect sensitive integrated circuits. 4. **Battery Powered Devices:** Due to its compact SMD form factor, it is ideal for portable electronics. --- ### 4. Physical Characteristics * **Shielding:** These inductors are usually "magnetically shielded." This means the magnetic flux is contained within the component, which prevents it from interfering with nearby components on a crowded PCB. * **Construction:** Typically consists of a wire-wound copper coil around a ferrite core, encapsulated in a plastic or epoxy resin.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 10VF2-510-R?
    • ⤷ Can this inductor be used in high-temperature automotive applications?
    • ⤷ What are the physical dimensions of the 10V series package?