Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF2-A20-R

  • AI
    The part number **10VF2-A20-R** typically refers to a high-voltage, fast-recovery rectifier diode, often manufactured by companies like *Dean Technology (HVCA)*. These components are specifically designed for high-voltage power supplies and specialized industrial applications. --- ### 1. Technical Specifications Below are the typical electrical characteristics for this specific series: | Parameter | Value | | :--- | :--- | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 10,000 Volts (10kV) | | **Average Forward Current ($I_{F(AV)}$)** | 200 mA (0.2A) | | **Reverse Recovery Time ($t_{rr}$)** | ~100 - 150 ns (Fast Recovery) | | **Forward Voltage Drop ($V_F$)** | ~12V - 15V (at rated current) | | **Mounting Type** | Through-hole (Axial Lead) | --- ### 2. Key Component Features * **High Dielectric Strength:** The package is designed to prevent arcing and corona discharge at potentials up to 10kV. * **Fast Recovery Time:** Unlike standard rectifiers, the "VF" (Very Fast) designation indicates it can switch from a conducting state to a blocking state quickly, reducing heat and energy loss in high-frequency circuits. * **Molded Plastic Case:** Usually encapsulated in a high-grade epoxy that meets UL 94V-0 flammability standards. * **Low Leakage Current:** Designed to maintain stability under high thermal stress. --- ### 3. Common Applications This component is used in environments where AC must be converted to DC at very high voltage levels: 1. **X-Ray Power Supplies:** Used in the rectification bridge of medical and industrial imaging equipment. 2. **Electrostatic Precipitators:** Air filtration systems that use high voltage to ionize dust particles. 3. **Laser Power Supplies:** Providing the high-voltage trigger or bias for gas lasers (e.g., CO2 lasers). 4. **CRT Displays:** Legacy cathode-ray tube monitors and televisions. 5. **Voltage Multipliers:** Used in "Cockcroft-Walton" generator circuits to step up voltages to extreme levels. --- ### 4. Safety and Handling > [!CAUTION] > Working with 10kV components is extremely dangerous. Ensure the circuit is fully discharged before handling. Maintain proper creepage and clearance distances on PCBs to prevent high-voltage arcing between traces.
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'Recovery Time' in high-voltage diodes?
    • ⤷ How do I calculate the creepage distance for a 10kV component on a PCB?
    • ⤷ Are there equivalent parts from other manufacturers like Vishay or ON Semi?