AI

The **10VF2-C10-R** is a specific part number typically associated with **Common Mode Chokes** or power line filters, often manufactured by companies like **Delta Electronics** or specialized inductive component suppliers.
Below is a detailed breakdown of the component's characteristics, specifications, and typical applications.
---
### 1. Component Overview
This part belongs to the family of **EMI (Electromagnetic Interference) Filters**. Its primary function is to suppress high-frequency noise in electrical circuits, preventing interference from entering or leaving the device.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | EMI/RFI Power Line Filter |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 115/250 VAC |
| **Mounting Type** | Chassis Mount / Bolt-on |
| **Termination Style** | Faston (Quick Connect) or Wire Leads |
| **Operating Frequency** | 50/60 Hz |
---
### 2. Part Number Breakdown (General Decoding)
While prefixes can vary by manufacturer, the code usually follows this logic:
* **10**: Represents the **Rated Current**. In this case, it is designed to handle up to **10 Amps**.
* **VF**: Often denotes the series (e.g., General Purpose or High Performance).
* **2**: Can indicate the circuit stage (Single-stage vs. Dual-stage) or a specific mounting configuration.
* **C10**: Often refers to the internal capacitor value or the physical housing dimensions.
* **-R**: Usually stands for **RoHS Compliant**, meaning the part is lead-free and meets environmental safety standards.
---
### 3. Key Functions
1. **Common Mode Noise Suppression:** It filters out noise that is present on both the Line and Neutral wires relative to the ground.
2. **Differential Mode Suppression:** It filters noise that exists between the Line and Neutral wires.
3. **Safety Compliance:** These parts are critical for a device to pass FCC or CE electromagnetic compatibility (EMC) tests.
---
### 4. Technical Schematic Representation
Internal components usually include a combination of **X-capacitors**, **Y-capacitors**, and an **Inductor (Choke)**.
```mermaid
graph LR
Line_In -- Inductor -- Line_Out
Neutral_In -- Inductor -- Neutral_Out
Line_In -. X-Cap .- Neutral_In
Line_Out -. Y-Cap .- Ground
Neutral_Out -. Y-Cap .- Ground
```
---
### 5. Common Applications
* **Industrial Power Supplies:** To stabilize input power.
* **Household Appliances:** Washing machines, refrigerators, and ovens to prevent motor noise from affecting other electronics.
* **Medical Equipment:** Where low leakage current and high noise immunity are required.
* **IT Infrastructure:** Servers and networking hardware.
- ⤷
What is the difference between single-stage and dual-stage EMI filters?
- ⤷ How do I calculate the correct current rating for a power line filter?
- ⤷ What are the safety implications of the Y-capacitor in this component?