Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VF2-FW40-R

  • AI
    The part number **10VF2-FW40-R** typically refers to a specialized electronic component, often associated with high-density connectors or FFC/FPC (Flexible Flat Cable / Flexible Printed Circuit) technology. Below is a technical breakdown of its typical specifications and characteristics based on standard industry naming conventions for such components. --- ### 1. Technical Specifications Table | Parameter | Description | | :--- | :--- | | **Component Type** | FFC/FPC Connector or Terminal Housing | | **Pitch** | Usually 0.5mm or 1.0mm (standard for high-density) | | **Number of Positions** | 40 Pins (indicated by the "40" in the suffix) | | **Orientation** | Right Angle or Vertical (model dependent) | | **Contact Material** | Copper Alloy / Gold or Tin Plated | | **Operating Temperature** | -40°C to +85°C (typical) | | **Voltage Rating** | 50V - 100V AC/DC | --- ### 2. Breakdown of the Part Code To understand the part better, we can dissect the alphanumeric string: * **10VF**: This usually denotes the series family. The "V" often implies "Vertical" mounting or a specific voltage rating tier. * **2**: Often signifies a revision code or a specific sub-type (e.g., dual-contact vs. single-contact). * **FW40**: * **FW**: Often stands for "Flat Wire." * **40**: Specifies that the part has **40 active pins/conductors**. * **R**: Generally stands for **RoHS Compliant** or **Tape & Reel** packaging (indicating it is ready for automated SMT assembly). --- ### 3. Key Applications These parts are commonly found in compact electronic devices where space is at a premium: 1. **Consumer Electronics:** Laptop screens, tablets, and smartphones. 2. **Display Modules:** Connecting LCD/OLED panels to a main PCB. 3. **Automotive:** Infotainment systems and dashboard clusters. 4. **Medical Imaging:** Handheld diagnostic tools. --- ### 4. General Installation Features * **ZIF/Non-ZIF:** Most parts in this series are **ZIF** (Zero Insertion Force), meaning they utilize a flip-lock or slider mechanism to secure the cable without damaging the contacts. * **Surface Mount Technology (SMT):** Designed to be soldered directly onto the surface of a PCB using reflow soldering processes. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 10VF2 series?
    • ⤷ What is the specific pitch measurement for the FW40 variant?
    • ⤷ Are there alternative part numbers for a 30-pin version of this connector?