10VF2-FWC0-R
AI

The part number **10VF2-FWC0-R** typically identifies a specific configuration of a **Power Entry Module (PEM)** with an integrated **EMI Filter**, often manufactured by companies like **Delta Electronics**.
Below is a detailed breakdown of its electronic characteristics and components.
---
## 1. Component Overview
This component is a multi-function power entry module designed for industrial and medical equipment. It combines a power inlet, a fuse holder, and an electromagnetic interference (EMI) filter into a single housing.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | EMI/RFI Power Line Filter |
| **Connector Type** | IEC 320-C14 (Male Inlet) |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 115V / 250V AC |
| **Operating Frequency** | 50/60 Hz |
| **Mounting Type** | Flange Mount / Screw Mount |
| **Termination** | Solder Lug / Quick Connect |
---
## 2. Key Electronic Parts & Functions
### A. EMI Filter Network
The "10VF2" series indicates a specific filter stage configuration. It typically consists of:
* **X-Capacitors:** Connected across the line and neutral to suppress differential-mode noise.
* **Y-Capacitors:** Connected between line/neutral and ground to suppress common-mode noise.
* **Common-Mode Choke:** An inductor that provides high impedance to high-frequency noise while allowing the 50/60Hz power to pass.
### B. Fuse Holder
The **"F"** in the suffix often denotes the inclusion of a fuse holder.
* **Safety:** Protects the downstream circuitry from overcurrent conditions.
* **Redundancy:** Usually supports 5x20mm glass or ceramic fuses.
### C. Switch Mechanism
The **"W"** or **"C"** codes in these series often refer to the inclusion of a **Power Switch**.
* **Type:** Rocker switch (often DPST - Double Pole Single Throw).
* **Function:** Allows the user to completely disconnect both the Line and Neutral wires for safety.
---
## 3. Deciphering the Part Number (General Logic)
| Code Segment | Meaning |
| :--- | :--- |
| **10** | **Current Rating:** 10 Amps. |
| **V** | **Series/Case Style:** Usually indicates a vertical or specific physical footprint. |
| **F2** | **Filter Type:** Refers to the circuit diagram (Performance level). |
| **F** | **Fused:** Indicates it has a fuse drawer. |
| **W** | **Switch:** Indicates an integrated power switch. |
| **C** | **Connection:** Solder tabs or specific terminal types. |
| **R** | **RoHS Compliant:** Lead-free and compliant with environmental standards. |
---
## 4. Common Applications
Due to its high integration, this part is commonly used in:
* **Medical Equipment:** High-performance filtering to prevent interference with sensitive sensors.
* **Test and Measurement:** Ensuring clean power for oscilloscopes or signal generators.
* **Industrial Automation:** Protecting PLCs and controllers from grid noise.
---
- ⤷
What is the leakage current specification for the 10VF2 series?
- ⤷ Does this model support single or double fuse configurations?
- ⤷ What are the dimensions for the panel cutout for this specific module?