10VK-GD6-R
AI

The **10VK-GD6-R** is a high-performance **RFI/EMI Power Line Filter** manufactured by TE Connectivity (specifically within the Corcom product line). It is designed to suppress electromagnetic interference on AC power lines.
---
## 1. Technical Specifications
Below are the primary technical parameters for the 10VK-GD6-R:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 10 Amps |
| **Voltage Rating (Max)** | 250 VAC |
| **Operating Frequency** | 50/60 Hz |
| **Mounting Type** | Flange Mount (Chassis) |
| **Termination Style** | Wire Leads (Input/Output) |
| **Leakage Current** | 0.5 mA @ 120V 60Hz / 1.0 mA @ 250V 50Hz |
| **Series** | VK Series |
---
## 2. Key Internal Components
The "10VK" series is categorized as a **dual-stage** filter, meaning it uses multiple internal stages to provide superior attenuation compared to single-stage filters.
### A. Inductors (Chokes)
* **Common Mode Chokes:** These use toroidal cores to suppress noise that is common to both the Line and Neutral wires relative to the ground.
* **Differential Mode Inductors:** These handle noise that exists between the Line and Neutral lines.
### B. Capacitors
* **X-Capacitors:** Connected across the lines (L-N) to suppress differential mode interference.
* **Y-Capacitors:** Connected from the lines to the ground (L-G and N-G) to bypass common-mode noise to the earth.
---
## 3. Part Number Breakdown
The nomenclature provides specific details about the component's build:
* **10**: Indicates the **10 Amp** current capacity.
* **VK**: Refers to the **VK Series**, designed for high-impedance loads and providing high-frequency attenuation.
* **G**: Represents the **Termination Style** (In this case, it usually signifies specific lead configurations or grounding).
* **D6**: Refers to the specific mechanical physical package or internal circuit arrangement.
* **R**: Indicates that the part is **RoHS Compliant**.
---
## 4. Typical Applications
This filter is commonly used in environments where electronic "noise" could cause equipment malfunction or where the equipment must meet strict EMC (Electromagnetic Compatibility) regulations:
1. **Industrial Machinery:** Protecting PLC and sensitive controllers.
2. **Medical Equipment:** Reducing leakage and interference in diagnostic tools.
3. **Telecommunications:** Cleaning power input for servers and switches.
4. **Switching Power Supplies (SMPS):** Suppressing the high-frequency switching noise generated by the supply itself.
---
- ⤷
What is the difference between single-stage and dual-stage EMI filters?
- ⤷ How do I calculate the appropriate current rating for a power line filter?
- ⤷ What are the safety certifications (UL/VDE) for the Corcom VK series?